전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD17P06 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FQD17P06
상세설명  60V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17P06 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FQD17P06_09 Datasheet HTML 1Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 2Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 3Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 4Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 5Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 6Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 7Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 8Page - Fairchild Semiconductor FQD17P06_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
Rev. A3. Januaary 2009
0
10
20
30
40
50
60
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
- 15.0 V
- 10.0 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
Bottom : - 4.5 V
Notes :
1. 250 s Pulse Test
2. T
C = 25
-V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
24
0
2
4
6
8
10
12
V
DS = -30V
V
DS = -48V
Note : I
D = -17 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
Notes :
1. VGS = 0 V
2. f = 1 MHz
Crss
Coss
Ciss
VDS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
10
-1
10
0
10
1
150
Notes :
1. V
GS = 0V
2. 250 s Pulse Test
25
-V
SD , Source-Drain Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
150
25
-55
Notes :
1. V
DS = -30V
2. 250 s Pulse Test
-V
GS , Gate-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


유사한 부품 번호 - FQD17P06_09

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17P06TM FAIRCHILD-FQD17P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
More results

유사한 설명 - FQD17P06_09

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com