전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2803B 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA2803B
상세설명  Earth Leakage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2803B 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA2803B_11 Datasheet HTML 3Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 4Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 5Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 6Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 7Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 8Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 9Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 10Page - Fairchild Semiconductor KA2803B_11 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA2803B • Rev. 1.0.7
10
Physical Dimensions
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AA, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD: SOIC127P600X175-8M.
E) DRAWING FILENAME: M08AREV13
LAND PATTERN RECOMMENDATION
SEATING PLANE
C
GAGE PLANE
x 45°
DETAIL A
SCALE: 2:1
PIN ONE
INDICATOR
4
8
1
B
5
A
5.60
0.65
1.75
1.27
6.20
5.80
3.81
4.00
3.80
5.00
4.80
(0.33)
1.27
0.51
0.33
0.25
0.10
1.75 MAX
0.25
0.19
0.36
0.50
0.25
R0.10
R0.10
0.90
0.40
(1.04)
OPTION A - BEVEL EDGE
OPTION B - NO BEVEL EDGE
0.25
CB A
0.10 C
Figure 37.
8-Lead, Small Outline Package (SOP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


유사한 부품 번호 - KA2803B_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA2803BD FAIRCHILD-KA2803BD Datasheet
147Kb / 12P
   Earth Leakage Detector
More results

유사한 설명 - KA2803B_11

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B Datasheet
147Kb / 12P
   Earth Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
   Earth Leakage Detector
January 2014 Rev. 1.0.8
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
   Earth Leakage Detector
August, 2020 ??Rev. 7
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
   Earth Leakage Detector
logo
Fairchild Semiconductor
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
   Earth Leakage Detector
logo
First Silicon Co., Ltd
FA2803P FS-FA2803P Datasheet
611Kb / 7P
   Earth Leakage Detector
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
   EARTH LEAKAGE CURRENT DETECTOR
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
   Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
   Earth Leakage Current Detector
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
   EARTH LEAKAGE CURRENT DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com