전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD1324ZT 데이터시트(PDF) 1 Page - Sony Corporation

부품명 SLD1324ZT
상세설명  High-Power Density 1W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD1324ZT 데이터시트(HTML) 1 Page - Sony Corporation

  SLD1324ZT Datasheet HTML 1Page - Sony Corporation SLD1324ZT Datasheet HTML 2Page - Sony Corporation SLD1324ZT Datasheet HTML 3Page - Sony Corporation SLD1324ZT Datasheet HTML 4Page - Sony Corporation SLD1324ZT Datasheet HTML 5Page - Sony Corporation SLD1324ZT Datasheet HTML 6Page - Sony Corporation SLD1324ZT Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
The SLD1324ZT is a gain-guided, high-power
laser diode with 1W red visible output. The flat
package with built-in TE cooler is adopted and fine
tuning of wavelength is possible by controlling the
laser chip temperature.
Features
• High power
Recommended optical power output :1.0W
• Emitting line width :200µm
• Flat package with built-in photodiode,
TE cooler and thermistor
Applications
• Medical use
• Solid state laser excitation
Structure
AlGaInP quantum well structure laser diode
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
PO
1.1
W
• Reverse voltage
VRLD
2
V
PD
15
V
• Operating temperature (Tth)
Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
• Operating current of TE cooler
IT
4.0
A
Pin Configuration (Top View)
– 1 –
SLD1324ZT
E94724-PP
High-Power Density 1W Laser Diode
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
M-272
Equivalent Circuit
1 2 3
4 5 6
7 8 9
10 11 12
TH
LD
PD
T.E. Cooler
112
No.
Function
No.
Function
1
2
3
4
5
6
T. E. Cooler (negative)
T. E. Cooler (negative)
Thermister
Thermister
LD (anode)
LD (anode)
7
8
9
10
11
12
LD (cathode)
LD (cathode)
PD (cathode)
PD (anode)
T. E. Cooler (positive)
T. E. Cooler (positive)
For the availability of this product, please contact the sales office.


유사한 부품 번호 - SLD1324ZT

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD131UL SONY-SLD131UL Datasheet
127Kb / 7P
   GaAlAs Laser Diode
logo
List of Unclassifed Man...
SLD1332V ETC1-SLD1332V Datasheet
37Kb / 2P
   The Industrys Highest Power 670 nm Band Laser Diode Achieves 500 mW Optical Power Output
logo
Sony Corporation
SLD1332V SONY-SLD1332V Datasheet
81Kb / 3P
   670nm, 500mW LASER DIODE
More results

유사한 설명 - SLD1324ZT

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
   1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
   1W High Power Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
   1W High Power Laser Diode
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com