전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIZ728DT 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SIZ728DT
상세설명  N-Channel 25 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ728DT 데이터시트(HTML) 3 Page - Vishay Siliconix

  SIZ728DT_12 Datasheet HTML 1Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 2Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 3Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 4Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 5Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 6Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 7Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 8Page - Vishay Siliconix SIZ728DT_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 67694
S11-2379-Rev. B, 28-Nov-11
www.vishay.com
3
Vishay Siliconix
SiZ728DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 12.5 V, RL = 1.25 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Channel-2
VDD = 12.5 V, RL = 1.25 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Ch-1
12
25
ns
Ch-2
20
40
Rise Time
tr
Ch-1
15
30
Ch-2
18
35
Turn-Off Delay Time
td(off)
Ch-1
15
30
Ch-2
30
60
Fall Time
tf
Ch-1
10
20
Ch-2
10
20
Turn-On Delay Time
td(on)
Channel-1
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Channel-2
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Ch-1
7
15
Ch-2
10
20
Rise Time
tr
Ch-1
12
25
Ch-2
12
25
Turn-Off Delay Time
td(off)
Ch-1
25
50
Ch-2
30
60
Fall Time
tf
Ch-1
10
20
Ch-2
10
20
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
16
A
Ch-2
35
Pulse Diode Forward Currenta
ISM
Ch-1
70
Ch-2
100
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
Ch-1
0.8
1.2
V
IS = 10 A, VGS = 0 V
Ch-2
0.78
1.2
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
12
25
ns
Ch-2
25
50
Body Diode Reverse Recovery Charge
Qrr
Ch-1
4
8
nC
Ch-2
15
30
Reverse Recovery Fall Time
ta
Ch-1
6.6
ns
Ch-2
12.5
Reverse Recovery Rise Time
tb
Ch-1
5.5
Ch-2
12.5


유사한 부품 번호 - SIZ728DT_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIZ728DT-T1-GE3 VISHAY-SIZ728DT-T1-GE3 Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
More results

유사한 설명 - SIZ728DT_12

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIZ728DT VISHAY-SIZ728DT Datasheet
210Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIZ728DT VISHAY-SIZ728DT_V01 Datasheet
215Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIRA22DP VISHAY-SIRA22DP Datasheet
255Kb / 9P
   N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
logo
Vishay Telefunken
SIZ728DT TFUNK-SIZ728DT Datasheet
211Kb / 14P
   N-Channel 25 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ320DT VISHAY-SIZ320DT Datasheet
368Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
08-Feb-17
SIZ926DT VISHAY-SIZ926DT Datasheet
236Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
SIZ328DT VISHAY-SIZ328DT Datasheet
391Kb / 14P
   Dual N-Channel 25 V (D-S) MOSFETs
01-Jan-2022
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com