전자부품 데이터시트 검색엔진 |
|
SI8622BC-B-IS 데이터시트(PDF) 4 Page - Silicon Laboratories |
|
SI8622BC-B-IS 데이터시트(HTML) 4 Page - Silicon Laboratories |
4 / 36 page 4 Rev. 1.3 Si8610/20/21/22 1. Electrical Specifications Table 1. Recommended Operating Conditions Parameter Symbol Test Condition Min Typ Max Unit Ambient Operating Temperature* TA 150 Mbps, 15 pF, 5 V –40 25 125* °C Supply Voltage VDD1 2.5 — 5.5 V VDD2 2.5 — 5.5 V *Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels, and supply voltage. Table 2. Electrical Characteristics (VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125ºC) Parameter Symbol Test Condition Min Typ Max Unit VDD Undervoltage Threshold VDDUV+ VDD1, VDD2 rising 1.95 2.24 2.375 V VDD Undervoltage Threshold VDDUV– VDD1, VDD2 falling 1.88 2.16 2.325 V VDD Negative-Going Lockout Hysteresis VDDHYS 50 70 95 mV Positive-Going Input Threshold VT+ All inputs rising 1.4 1.67 1.9 V Negative-Going Input Threshold VT– All inputs falling 1.0 1.23 1.4 V Input Hysteresis VHYS 0.38 0.44 0.50 V High Level Input Voltage VIH 2.0 — — V Low Level Input Voltage VIL —— 0.8 V High Level Output Voltage VOH loh = –4 mA VDD1,VDD2 –0.4 4.8 — V Low Level Output Voltage VOL lol = 4 mA — 0.2 0.4 V Input Leakage Current IL —— ±10 µA Output Impedance1 ZO —50 — Notes: 1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. Start-up time is the time period from the application of power to valid data at the output. |
유사한 부품 번호 - SI8622BC-B-IS |
|
유사한 설명 - SI8622BC-B-IS |