전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

742863122 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 742863122
상세설명  WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

742863122 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  742863122 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 742863122 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 742863122 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 742863122 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 742863122 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 742863122 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3.2
3.1
3.0
2.0
REV
2012-09-27
2012-06-27
2012-03-29
2009-08-13
DATE
SSt
SSt
SSt
SMu
BY
SMu
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CBF HF SMD EMI Suppression Ferrite
Bead (High Frequency)
Order.- No.
742863122
SIZE
A4
Size: 0603
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 742863122

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742863147 WURTH-742863147 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863160 WURTH-742863160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
More results

유사한 설명 - 742863122

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
742863147 WURTH-742863147 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742862160 WURTH-742862160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742861210 WURTH-742861210 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
742863160 WURTH-742863160 Datasheet
1Mb / 6P
   WE-CBF HF SMD EMI Suppression Ferrite Bead (High Frequency)
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com