전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD322V 데이터시트(PDF) 1 Page - Sony Corporation

부품명 SLD322V
상세설명  High Power Density 0.5W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD322V 데이터시트(HTML) 1 Page - Sony Corporation

  SLD322V Datasheet HTML 1Page - Sony Corporation SLD322V Datasheet HTML 2Page - Sony Corporation SLD322V Datasheet HTML 3Page - Sony Corporation SLD322V Datasheet HTML 4Page - Sony Corporation SLD322V Datasheet HTML 5Page - Sony Corporation SLD322V Datasheet HTML 6Page - Sony Corporation SLD322V Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Power Density 0.5W Laser Diode
Description
The SLD322V is a high power, gain-guided laser diode produced by MOCVD method∗1. Compared to the
SLD300 Series, this laser diode has a high brightness output with a doubled optical density which can be
achieved by QW-SCH structure∗2.
1 MOCVD: Metal Organic Chemical Vapor Deposition
2 QW-SCH: Quantum Well Separate Confinement Heterostructure
Features
• High power
Recommended optical power output: Po = 0.5W
• Low operating current: Iop = 0.75A (Po = 0.5W)
Applications
• Solid state laser excitation
• Medical use
• Material processes
• Measurement
Structure
GaAlAs quantum well structure laser diode
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Po
0.55
W
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature (Tc) Topr
–10 to +30
°C
• Storage temperature
Tstg
–40 to +85
°C
Pin Configuration
– 1 –
E93205A81-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD322V
2
Bottom View
1. LD cathode
2. PD anode
3. COMMON
1
3


유사한 부품 번호 - SLD322V

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-1 SONY-SLD322XT-1 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-2 SONY-SLD322XT-2 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-21 SONY-SLD322XT-21 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD322XT-24 SONY-SLD322XT-24 Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
More results

유사한 설명 - SLD322V

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD322XT SONY-SLD322XT Datasheet
97Kb / 7P
   0.5W High Power Laser Diode
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
   High Power Density 1W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com