전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD323V-1 데이터시트(PDF) 6 Page - Sony Corporation

부품명 SLD323V-1
상세설명  High Power Density 1W Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD323V-1 데이터시트(HTML) 6 Page - Sony Corporation

  SLD323V-1 Datasheet HTML 1Page - Sony Corporation SLD323V-1 Datasheet HTML 2Page - Sony Corporation SLD323V-1 Datasheet HTML 3Page - Sony Corporation SLD323V-1 Datasheet HTML 4Page - Sony Corporation SLD323V-1 Datasheet HTML 5Page - Sony Corporation SLD323V-1 Datasheet HTML 6Page - Sony Corporation SLD323V-1 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
– 6 –
SLD323V
Wavelength [nm]
795
0.2
0.4
0.6
0.8
1.0
820
815
810
805
790
800
Tc = –10
°C
Wavelength [nm]
795
0.2
0.4
0.6
0.8
1.0
820
815
810
805
790
800
Tc = 25
°C
Wavelength [nm]
795
0.2
0.4
0.6
0.8
1.0
820
815
810
805
790
800
Tc = 30
°C
Wavelength [nm]
795
0.2
0.4
0.6
0.8
1.0
820
815
810
805
790
800
Tc = 0
°C
Temperature dependence of spectrum (Po = 1.0W)


유사한 부품 번호 - SLD323V-1

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD3232VF SONY-SLD3232VF Datasheet
136Kb / 2P
   Laser Diode
logo
List of Unclassifed Man...
SLD3233VF ETC2-SLD3233VF Datasheet
54Kb / 2P
   High-Power Blue-Violet Laser Diode for Blu-ray Discs
logo
Roithner LaserTechnik G...
SLD3235VF ROITHNER-SLD3235VF Datasheet
490Kb / 3P
   Violet Laser Diode
SLD3236VF ROITHNER-SLD3236VF Datasheet
490Kb / 3P
   Violet Laser Diode
logo
Sony Corporation
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
   1W High Power Laser Diode
More results

유사한 설명 - SLD323V-1

제조업체부품명데이터시트상세설명
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
   High-Power Density 1W Laser Diode
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
   1W High Power Laser Diode
SLD332F SONY-SLD332F Datasheet
89Kb / 5P
   1W High Power Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
   1W High Power Laser Diode
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com