전자부품 데이터시트 검색엔진 |
|
SD01431G 데이터시트(PDF) 1 Page - Winchester Electronics Corporation |
|
SD01431G 데이터시트(HTML) 1 Page - Winchester Electronics Corporation |
|
1 / 1 page RECOMMENDED CABLE TRIM DIMENSIONS 1.22 MAX .048 MAX .275 6.99 .054±.003 1.37±.08 .144 3.66 .167 4.24 .144±.001 3.66±.03 CATALOG P/N: 01431G NOTES: UNLESS OTHERWISE SPECIFIED 1. FOR GENERAL SERIES SPECIFICATIONS, SEE SD74-0000. 2. MATERIAL SPECIFICATIONS: BRASS PER ASTM B16 3. FINISH SPECIFICATIONS: .000030 MIN. GOLD PER ASTM B488 OVER .000080 MIN. NICKEL PER AMS QQ-N-290. 4. ELECTRICAL SPECIFICATIONS: CURRENT RATING: 8 AMPS 5. FOR USE WITH 20 AWG WIRE OR EQUIVALENT. 6. REFER TO CAP10-01 FOR CABLE ASSEMBLY PROCEDURE. OF A .XXXX [X.XXX] ± .XXXX ER7306 20 AWG 8 AMP REV SD01431G RIGHT ANGLE SOLDER MOUNT POWER SNAP, B 1 SHT 1 ronics t lec Wallingford, Connecticut 06492 62 Barnes Industrial Road North DATE APPD DESCRIPTION REV XX/XX/XX XXX DATE APPROVED 05/16/07 WPM DATE APPROVED 05/16/07 DCam DATE APPROVED 03/08/07 PSM DATE DRAWN BY DRAWING CUSTOMER Winchester Electronics Corporation E er t inches W ANGLES: ± 2° SCALE: 8:1 B PER ASME Y14.5M-1994 UNLESS OTHERWISE SPECIFIED: DIMENSIONS ARE IN INCHES [MM] TOLERANCES: DECIMAL: .XX [X.X] ± .01 [0.3] .XXX [X.XX] ± .005 [0.13] .275 6.99 .218-.000 +.010 5.54 .00 +.25 ACROSS FLATS |
유사한 부품 번호 - SD01431G |
|
유사한 설명 - SD01431G |