전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC107B 데이터시트(PDF) 1 Page - Comset Semiconductor

부품명 BC107B
상세설명  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMSET [Comset Semiconductor]
홈페이지  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC107B 데이터시트(HTML) 1 Page - Comset Semiconductor

  BC107B Datasheet HTML 1Page - Comset Semiconductor BC107B Datasheet HTML 2Page - Comset Semiconductor BC107B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BC107 – BC108 – BC109
25/09/2012
COMSET SEMICONDUCTORS
1/3
The BC107, BC108 and BC109 are silicon planar epitaxial NPN transistors mounted in TO-18
metal package.
They are suitable for use in drive audio stages, low-noise input audio stages and as low power,
high gain general purpose transistors.
The complementary PNP are BC177, BC178 and BC179.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
BC107
BC108
BC109
Unit
VCEO
Collector-Emitter Voltage (IB =0)
45
20
20
V
VCBO
Collector-Base Voltage (IE =0)
50
30
30
V
VEBO
Emitter-Base Voltage (IC =0)
6
5
5
V
IC
Collector Current
100
mA
ICM
Collector Peak Current
200
mA
PD
Total Power Dissipation
@ Tamb = 25°
300
mW
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB = 20 V
IE = 0
BC107
-
-
15
nA
BC108
BC109
VCB = 20 V
IE = 0 V
Tj = 150°C
BC107
-
-
15
µA
BC108
BC109
IEBO
Emitter Cutoff Current
VEB = 5 V
IC = 0
BC107
-
-
50
nA
BC108
BC109
VCEO
Collector-Emitter
Breakdown Voltage
IC = 10 mA
IB = 0
BC107
45
-
-
V
BC108
20
-
-
BC109
20
-
-
VCBO
Collector-Base
Breakdown Voltage
IC = 10 µA
VBE = 0
BC107
50
-
-
V
BC108
30
-
-
BC109
30
-
-
VEBO
Emitter-Base Breakdown
Voltage
IE = 10 µA
IC = 0
BC107
5
-
-
V
BC108
BC109
L
LO
OW
W N
NO
OIIS
SE
E G
GE
EN
NE
ER
RA
AL
L P
PU
UR
RP
PO
OS
SE
E A
AU
UD
DIIO
O A
AM
MP
PL
LIIF
FIIE
ER
RS
S


유사한 부품 번호 - BC107B

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BC107B SIEMENS-BC107B Datasheet
263Kb / 8P
   npn sisicon transistor
logo
STMicroelectronics
BC107B STMICROELECTRONICS-BC107B Datasheet
385Kb / 9P
   Low noise general purpose audio amplifiers
logo
Continental Device Indi...
BC107B CDIL-BC107B Datasheet
147Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BC107B CENTRAL-BC107B Datasheet
545Kb / 2P
   NPN SILICON TRANSISTOR
BC107B CENTRAL-BC107B Datasheet
545Kb / 2P
   NPN SILICON TRANSISTOR
More results

유사한 설명 - BC107B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
BC107 STMICROELECTRONICS-BC107_06 Datasheet
385Kb / 9P
   Low noise general purpose audio amplifiers
logo
Comset Semiconductor
BC177 COMSET-BC177 Datasheet
151Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
STMicroelectronics
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
logo
Texas Instruments
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com