전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSA7887ARMZ 데이터시트(PDF) 6 Page - Touchstone Semiconductor Inc

부품명 TSA7887ARMZ
상세설명  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSA7887ARMZ 데이터시트(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TSA7887ARMZ Datasheet HTML 2Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 3Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 4Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 5Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 6Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 7Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 8Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 9Page - Touchstone Semiconductor Inc TSA7887ARMZ Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TSA7887
Page 6
TSA7887DS r1p0
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection vs Frequency
-97
-93
-89
-85
-77
FREQUENCY - kHz
-81
2.65
23.2
33.7
43.9
12.9
54.4
64.2
VDD = 2.7V/5.5V
REFIN (External) = 2.488V
100mVPP Sine Wave on VDD
VDD = 5V
REFIN (External) = 5V
Signal-to-Noise Ratio vs Frequency
70
70.5
71
72
71.5
0.7
21.4
31.8
42.1
11
FREQUENCY - kHz
Dynamic Performance vs Frequency
-140
-100
-80
-60
-40
0
FREQUENCY - kHz
-20
0
20
30
40
10
50
-120
60
4096-point FFT
125kHz Sampling Rate
10kHz Fundamental


유사한 부품 번호 - TSA7887ARMZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TSA7887ARMZ SILABS-TSA7887ARMZ Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARMZ-REEL SILABS-TSA7887ARMZ-REEL Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

유사한 설명 - TSA7887ARMZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TSA7887 SILABS-TSA7887 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
logo
Touchstone Semiconducto...
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com