전자부품 데이터시트 검색엔진 |
|
744031330 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744031330 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 3 page Bezeichnung : description : A mm B mm C mm D mm E mm @@FRM 1@@ Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Ferrit ME 09-01-15 MST 08-04-11 MST 08-04-11 MST 04-10-11 MST 04-08-05 MPH 03-03-28 Name Datum / date Kunde / customer Freigabe erteilt / general release: C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: E Testbedingungen / test conditions: Luftfeuchtigkeit / humidity: It is recommended that the temperature of the part does Draht / wire: Endoberfläche / finishing electrode: Class H Sn/Ag/Cu - 96.5/3.0/0.5% G Eigenschaften / general specifications: Betriebstemp. / operating temperature: -40°C - + 125°C http://www.we-online.com Spezifikation für Freigabe / specification for release DATUM / DATE : 2009-01-15 max. mA Datum / date .................................................................................. Unterschrift / signature Kontrolliert / approved Testbedingungen / test conditions Würth Elektronik eiSos GmbH & Co.KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked SRF MHz Umgebungstemp. / ambient temperature: -40°C - + 85°C Basismaterial / base material: Kunde / customer : 744031330 SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC Artikelnummer / part number : A Mechanische Abmessungen / dimensions: 1,2 typ. 1,3typ. 1,65± 0,15 D Prüfgeräte / test equipment: 0,660 ±30% 33,00 µH 25 Isat |ΔL/L|<35% 320 RDC typ 0,635 IDC .................................................................................. .................................................................................. .................................................................................. Würth Elektronik HP 4274 A für/for L und/and Q HP 34401 A für/for RDC und IDC not exceed 125°C under worst case operating conditions. F Werkstoffe & Zulassungen / material & approvals: @ 20°C @ 20°C ∆T=30 K 100 kHZ / 0,1V typ. RDC max typ. L max. 420 3,8 ± 0,3 3,8 ± 0,3 Typ S mA typ. Version 5 Version 6 Änderung / modification Version 1 Version 2 Version 3 Version 5 [mm] Marking A B C D D E 4,30 1,60 1,10 1,60 1,30 SEITE 1 VON 3 |
유사한 부품 번호 - 744031330 |
|
유사한 설명 - 744031330 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |