전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744032004 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744032004
상세설명  SMD HF-CHOKE WE-LQ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744032004 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744032004 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744032004 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744032004 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Amm
Bmm
Cmm
Dmm
Emm
Fmm
Gmm
Hmm
@@FRM 1@@
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
Güte Q/
Q factor
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit
UB
06-07-14
MST
04-10-11
Name
Datum / date
Änderung / modification
Version 1
Version 3
2,5 ± 0,3
3,2 ± 0,3
Typ M
A
typ.
1 MHz / 0,1V
@ 20°C
ΔT= 40 K
1 MHz / 0,1V
typ.
RDC
ref.
L
max.
..............................................................................
................................................................................
................................................................................
Würth Elektronik
HP 4274 A für/for L und/and Q
HP 34401 A für/for R
DC und IDC
0,490
31,0
Isat
|ΔL/L|<10%
1,250
Q
20
IDC
D Prüfgeräte / test equipment:
0,280
± 20%
4,70
Ω
µH
A Mechanische Abmessungen / dimensions:
2,8 ref
3,8 ref
1,3 typ
1,0 ref
2,4±0,3
2,0 ± 0,3
Kunde / customer :
744032004
SMD HF-Drossel WE-LQ
SMD HF-CHOKE WE-LQ
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
SRF
MHz
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Basismaterial / base material:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2006-07-14
max.
A
Datum / date
..............................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
not exceed 125°C under worst case operating conditions.
F Werkstoffe & Zulassungen / material & approvals:
Draht / wire:
Pin / Terminal
Class F
Sn/Cu - 99,3/0,7%
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature:
-40°C - + 125°C
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
It is recommended that the temperature of the part does
[mm]
G
1,4 ref
1,4 ref
H
1,0 ref.
B
D
A
A
C
D
F
E
B
C
B
E
SEITE 1 VON 3


유사한 부품 번호 - 744032004

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744032001 WURTH-744032001 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320015 WURTH-7440320015 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320018 WURTH-7440320018 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032001 WURTH-744032001_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032002 WURTH-744032002 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

유사한 설명 - 744032004

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744045006 WURTH-744045006 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045471 WURTH-744045471 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032002 WURTH-744032002 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032100 WURTH-744032100 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320056 WURTH-7440320056 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744032220 WURTH-744032220 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045152 WURTH-744045152 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320015 WURTH-7440320015 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440320027 WURTH-7440320027 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
7440450018 WURTH-7440450018 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
744045821 WURTH-744045821 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com