전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744273102 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744273102
상세설명  WE-SL5 HC SMD Common Mode Line Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744273102 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744273102 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744273102 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744273102 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744273102 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744273102 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744273102 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2.1
2.0
1.0
REV
2012-07-17
2012-07-17
2010-07-15
DATE
SSt
SSt
SBa
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SL5 HC SMD Common Mode Line Filter
Order.- No.
744273102
SIZE
A4
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Impendance
Rated Current
DC Resistance
Insulation Test Voltage
Rated Voltage
Test conditions
100 kHz/ 0.1 mA
100 MHz
∆T = 40 K
L
Zmax
IR
RDC
UT
UR
Value
2x 11
1000
2500
0.030
500
80
Unit
µH
Ω
mA
Ω
V (AC)
V
Tol.
typ.
±25%
max.
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744273102

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744273222 WURTH-744273222 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
744273501 WURTH-744273501 Datasheet
131Kb / 3P
   COMMON MODE CHOKE WE-SL5 HC
744273801 WURTH-744273801 Datasheet
131Kb / 3P
   COMMON MODE CHOKE WE-SL5 HC
More results

유사한 설명 - 744273102

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744273222 WURTH-744273222 Datasheet
1Mb / 6P
   WE-SL5 HC SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272121 WURTH-744272121 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272102 WURTH-744272102 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272222 WURTH-744272222 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272332 WURTH-744272332 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272472 WURTH-744272472 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272392 WURTH-744272392 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272251 WURTH-744272251 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744272471 WURTH-744272471 Datasheet
131Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com