전자부품 데이터시트 검색엔진 |
|
744273102 데이터시트(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744273102 데이터시트(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
5 / 6 page 2.1 2.0 1.0 REV 2012-07-17 2012-07-17 2010-07-15 DATE SSt SSt SBa BY SSt SBa CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-SL5 HC SMD Common Mode Line Filter Order.- No. 744273102 SIZE A4 General: All recommendations according to the general technical specifications of the data sheet have to be complied with. The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided. If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred. The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of the customer. All technical specifications for standard products do also apply for customer specific products. Cleaning solvents which are used to clean the application might damage or change the characteristics of the component. Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break. Product specific: Follow all instructions mentioned in the datasheet, especially: •The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be su- stained. •All products are supposed to be used before the end of the period of 12 months based on the transfer of title, if not a 100% solderability can´t be warranted. •Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty. I Cautions and Warnings: The following conditions apply to all goods within the product series of WE-SL5 HC of Würth Elektronik eiSos GmbH & Co. KG: This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
유사한 부품 번호 - 744273102 |
|
유사한 설명 - 744273102 |