전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744302010 데이터시트(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744302010
상세설명  POWER-CHOKE WE-HCM-75
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744302010 데이터시트(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744302010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification :
A
7,2 ± 0,1
mm
B
12,0 ± 0,1
mm
typ.
typ.
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
7,5 ± 0,1
mm
I
7,2 ± 0,1
mm
J
5,30 ± 0,1
mm
T
mm
W
16,0 ± 0,3
mm
a
330,0 ± 2,0
mm
b
16,5 ± 0,8
mm
c
21,4 ± 0,5
mm
d
100,0 ± 1,5
mm
ME
08-01-01
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
744302010
SPEICHERDROSSEL WE-HCM-75
POWER-CHOKE WE-HCM-75
DATUM / DATE : 2008-01-01
Gurtspezifikation / Tape specification:
C
1,05
mm
D
1,05
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
.................................................................................
...............................................................
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
RoHS
compliant
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
Ø c
a
b
W
E
F
G
A
B
C
Ø D
H
I
T
J
d
c
b
SEITE 4 VON 4


유사한 부품 번호 - 744302010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744302010 WURTH-744302010 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010 Datasheet
667Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
004.000
744302010 WURTH-744302010_15 Datasheet
1Mb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
744302010 WURTH-744302010_V01 Datasheet
667Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
004.000
More results

유사한 설명 - 744302010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744302007 WURTH-744302007 Datasheet
144Kb / 4P
   POWER-CHOKE WE-HCM-75
744302015 WURTH-744302015 Datasheet
144Kb / 4P
   POWER-CHOKE WE-HCM-75
744306025 WURTH-744306025 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744308033 WURTH-744308033 Datasheet
148Kb / 4P
   POWER-CHOKE WE-HCM
744305022 WURTH-744305022 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744305033 WURTH-744305033 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744306020 WURTH-744306020 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744307016 WURTH-744307016 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744308040 WURTH-744308040 Datasheet
280Kb / 4P
   POWER-CHOKE WE-HCM
744304016 WURTH-744304016 Datasheet
102Kb / 4P
   POWER-CHOKE WE-HCM
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com