전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744302015 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744302015
상세설명  POWER-CHOKE WE-HCM-75
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744302015 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744302015 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302015 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302015 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744302015 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Lerrlaufinduktivität/
initial inductance
Nenn-Induktivität /
rated inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom/
saturation current
Eigenres.-Frequenz
self-res.-frequency
33%
Umgebungstemperatur / temperature:
+20°C
RST
09-06-23
ME
08-01-01
Name
Datum / date
SRF
75,00
MHz
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Geprüft / checked
...................................................
..............................................
..................................................................................
7x7x5
Änderung / modification
Version 1
Version 2 - reduced height
2,5 ref
4,7 max
7,0 max.
7,15 max.
1,52 ref.
typ.
typ.
typ.
A Mechanische Abmessungen / dimensions :
100 kHz / 0,1A
L0
150
nH
Kunde / customer :
SPEICHERDROSSEL WE-HCM-75
POWER-CHOKE WE-HCM-75
Artikelnummer / part number :
744302015
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2008-01-01
+/-7%
A
Testbedingungen /
test conditions
30,0
typ.
0,235
± 20%
D Prüfgeräte / test equipment :
@ 20°C
RDC
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
IN
mΩ
∆T= 40 K
E Testbedingungen / test conditions :
A
32,0
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties :
100 kHz / 0,1A / 30A
LN
130
nH
Luftfeuchtigkeit / humidity:
WAYNE KERR 3260B für/for L
0; I
SAT
F Werkstoffe & Zulassungen / material & approvals :
Ferrit/ferrite
Arbeitstemperatur / operating temperature: -40°C - +125°C
Metra Hit 27I für/for RDC;
∆L/L0= 20 %
Isat
It is recommended that the temperature of the part does
Agilent N5776A für/for IDC;
Umgebungstemp. / ambient temperature:
-40°C - +85°C
Basismaterial / base material:
Endoberfläche / finishing electrode:
Sn/Cu - 99.3/0.7 %
Würth Elektronik
http://www.we-online.de
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
G Eigenschaften / general specifications :
not exceed 125°C under worst case operating conditions.
Draht / wire:
Flatewire
RoHS
compliant
[
mm]
2
3,05
3,3
A
B
C
D
E
RDC is measured at these points
SEITE 1 VON 4


유사한 부품 번호 - 744302015

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744302015 WURTH-744302015 Datasheet
667Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
004.000
744302015 WURTH-744302015_V01 Datasheet
667Kb / 7P
   WE-HCM SMT High Current Flat Wire Inductor
004.000
More results

유사한 설명 - 744302015

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744302007 WURTH-744302007 Datasheet
144Kb / 4P
   POWER-CHOKE WE-HCM-75
744302010 WURTH-744302010 Datasheet
144Kb / 4P
   POWER-CHOKE WE-HCM-75
744306025 WURTH-744306025 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744308033 WURTH-744308033 Datasheet
148Kb / 4P
   POWER-CHOKE WE-HCM
744305022 WURTH-744305022 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744305033 WURTH-744305033 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744306020 WURTH-744306020 Datasheet
149Kb / 4P
   POWER-CHOKE WE-HCM
744307016 WURTH-744307016 Datasheet
141Kb / 4P
   POWER-CHOKE WE-HCM
744308040 WURTH-744308040 Datasheet
280Kb / 4P
   POWER-CHOKE WE-HCM
744304016 WURTH-744304016 Datasheet
102Kb / 4P
   POWER-CHOKE WE-HCM
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com