전자부품 데이터시트 검색엔진 |
|
FM24C04B 데이터시트(PDF) 2 Page - Cypress Semiconductor |
|
FM24C04B 데이터시트(HTML) 2 Page - Cypress Semiconductor |
2 / 12 page FM24C04B Rev. 3.0 Jan. 2012 Page 2 of 12 Address Latch 64 x 64 FRAM Array Data Latch 8 SDA Counter Serial to Parallel Converter Control Logic SCL WP A1 A2 Figure 1. Block Diagram Pin Description Pin Name I/O Pin Description A1-A2 Input Address 1-2: The address pins set the device select address. The device address value in the 2-wire slave address must match the setting of these two pins. These pins are internally pulled down. SDA I/O Serial Data/Address: This is a bi-directional pin used to shift serial data and addresses for the two-wire interface. It employs an open-drain output and is intended to be wire- OR’d with other devices on the two-wire bus. The input buffer incorporates a Schmitt trigger for noise immunity and the output driver includes slope control for falling edges. A pull-up resistor is required. SCL Input Serial Clock: The serial clock input for the two-wire interface. Data is clocked out of the device on the SCL falling edge, and clocked in on the SCL rising edge. The SCL input also incorporates a Schmitt trigger input for improved noise immunity. WP Input Write Protect: When WP is high, the entire array is write-protected. When WP is low, all addresses may be written. This pin is internally pulled down. NC - No connect VDD Supply Supply Voltage VSS Supply Ground |
유사한 부품 번호 - FM24C04B |
|
유사한 설명 - FM24C04B |