전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24C64B-G 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 FM24C64B-G
상세설명  64Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24C64B-G 데이터시트(HTML) 1 Page - Cypress Semiconductor

  FM24C64B-G Datasheet HTML 1Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 2Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 3Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 4Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 5Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 6Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 7Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 8Page - Cypress Semiconductor FM24C64B-G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
Rev. 3.0
www.ramtron.com
Jan. 2012
Page 1 of 12
FM24C64B
64Kb Serial 5V F-RAM Memory
Features
64K bit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
High Endurance 1 Trillion (10
12) Read/Writes
38 Year Data Retention
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
Up to 1 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports legacy timing for 100 kHz & 400 kHz
Low Power Operation
5V operation
100 A Active Current (100 kHz)
4 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40 C to +85 C
8-pin “Green”/RoHS SOIC (-G)
Description
The FM24C64B is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 38 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
The FM24C64B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array in the cycle after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling.
The FM24C64B is capable of
supporting 10
12 read/write cycles, or a million times
more write cycles than EEPROM.
These capabilities make the FM24C64B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time
of EEPROM
can cause
data
loss.
The
combination of features allows more frequent data
writes with less overhead for the system.
The FM24C64B provides substantial benefits to users
of serial EEPROM, yet these benefits are available in
a hardware drop-in replacement. The FM24C64B is
available in an industry standard 8-pin SOIC package
and
uses
a
familiar
two-wire
protocol.
The
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
A0
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5
Pin Names
Function
A0-A2
Device Select Address
SDA
Serial Data/address
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VDD
Supply Voltage
Ordering Information
FM24C64B-G
“Green”/RoHS 8-pin SOIC
FM24C64B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel


유사한 부품 번호 - FM24C64B-G

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM24C64B-G RAMTRON-FM24C64B-G Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64B-G RAMTRON-FM24C64B-G Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B-G CYPRESS-FM24C64B-G Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C64B-GTR RAMTRON-FM24C64B-GTR Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64B-GTR RAMTRON-FM24C64B-GTR Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results

유사한 설명 - FM24C64B-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com