전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25V01 데이터시트(PDF) 4 Page - Cypress Semiconductor

부품명 FM25V01
상세설명  128Kb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V01 데이터시트(HTML) 4 Page - Cypress Semiconductor

  FM25V01 Datasheet HTML 1Page - Cypress Semiconductor FM25V01 Datasheet HTML 2Page - Cypress Semiconductor FM25V01 Datasheet HTML 3Page - Cypress Semiconductor FM25V01 Datasheet HTML 4Page - Cypress Semiconductor FM25V01 Datasheet HTML 5Page - Cypress Semiconductor FM25V01 Datasheet HTML 6Page - Cypress Semiconductor FM25V01 Datasheet HTML 7Page - Cypress Semiconductor FM25V01 Datasheet HTML 8Page - Cypress Semiconductor FM25V01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FM25V01 - 128Kb SPI FRAM
Document Number: 001-84492 Rev. *B
Page 4 of 18
System Hookup
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses one or more FM25V01 devices
with a microcontroller that has a dedicated SPI port,
as Figure 3 illustrates. Note that the clock, data-in,
and data-out pins are common among all devices.
The Chip Select and Hold pins must be driven
separately for each FM25V01 device.
For a microcontroller that has no dedicated SPI bus, a
general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins together and tie off the
Hold pin. Figure 4 shows a configuration that uses
only three pins.
SPI
Microcontroller
FM25V01
Q
D
C
S
HOLD
FM25V01
Q
D
C
S
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 3. 256Kbit (32KB) System Configuration with SPI port
Microcontroller
FM25V01
Q
D
C
S
HOLD
P1.0
P1.1
P1.2
Vdd
Figure 4. System Configuration without SPI port


유사한 부품 번호 - FM25V01

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-GTR CYPRESS-FM25V01-GTR Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
More results

유사한 설명 - FM25V01

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01_13 Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com