전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC898300XA 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LC898300XA
상세설명  Linear Vibrator Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898300XA 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LC898300XA Datasheet HTML 1Page - Sanyo Semicon Device LC898300XA Datasheet HTML 2Page - Sanyo Semicon Device LC898300XA Datasheet HTML 3Page - Sanyo Semicon Device LC898300XA Datasheet HTML 4Page - Sanyo Semicon Device LC898300XA Datasheet HTML 5Page - Sanyo Semicon Device LC898300XA Datasheet HTML 6Page - Sanyo Semicon Device LC898300XA Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LC898300XA
No.A2053-6/7
AC Characteristics (I
2C Serial Interface) at VSS = 0V, VDD = 2.7 to 3.3V, Ta = -30 to 85C
Parameter
Symbol
Pin
Min
Typ
Max
Unit
comment
SCL clock frequency
fSCL
SCL
-
-
400
kHz
START condition Hold time
tHD;STA
SCL
SDA
0.6
-
-
us
SCL clock Low width
tLOW
SCL
1.3
-
-
us
SCL clock High width
tHIGH
SCL
0.6
-
-
us
RE-START condition
Setup time
tSU;STA
SCL
SDA
0.6
-
-
us
SDA Hold time
tHD;DAT
SCL
SDA
0
-
0.9
us
SDA Setup time
tSU;DAT
SCL
SDA
0.2
-
-
us
*1
SDA, SCL Rise time
tr
SCL
SDA
-
0.3
us
*1
SDA, SCL Fall time
tf
SCL
SDA
-
0.3
us
*1
STOP condition Setup time
tSU;STP
SCL
SDA
0.6
-
-
us
STOP to START
BUS open time
tBUF
SCL
SDA
1.3
-
-
us
*1) Design Assurance (Shipment test none)
AC Characteristic (Power On Reset) at VSS = 0V, VDD = 2.7 to 3.3V, Ta = -30 to 85C
Parameter
Symbol
Min
Typ
Max
Unit
comment
VDD Rise Up Time
tVDDUP
-
-
100
ms
-
SDA
10%
90%
10%
90%
10%
90%
10%
90%
10%
90%
90%
tLOW
START
CONDITION
tHD.STA
REPEATED
CONDITION
tr
tf
tHIGH
tHD.DAT
tSU.DAT
tSU.STA
tHD.STA
STOP
CONDITION
START
CONDITION
90%
10%
90%
10%
90%
tSU.STP
tBUF
SCL
VDD
10%
90%
t VDDUP


유사한 부품 번호 - LC898300XA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC898300XA ONSEMI-LC898300XA Datasheet
173Kb / 7P
   Linear Vibrator Driver IC
June, 2013
LC898300XA-MH ONSEMI-LC898300XA-MH Datasheet
173Kb / 7P
   Linear Vibrator Driver IC
June, 2013
More results

유사한 설명 - LC898300XA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC898300XA-MH ONSEMI-LC898300XA-MH Datasheet
173Kb / 7P
   Linear Vibrator Driver IC
June, 2013
LC898302AXA-D ONSEMI-LC898302AXA-D Datasheet
117Kb / 8P
   Linear Vibrator Driver
May, 2022
LC898301XA ONSEMI-LC898301XA Datasheet
189Kb / 12P
   Liner Vibrator Driver IC
October, 2013 Ver. 2.1
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX1749 MAXIM-MAX1749 Datasheet
108Kb / 8P
   SOT23 Vibrator Motor Driver
19-1455; Rev 1; 6/99
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
S8300 KODENSHI-S8300 Datasheet
355Kb / 9P
   Linear LED Driver IC
logo
Sanyo Semicon Device
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
logo
Analog Intergrations Co...
AIC1993 AIC-AIC1993_15 Datasheet
304Kb / 8P
   Linear Fan Control Driver IC
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com