전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF1207UCX 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FPF1207UCX
상세설명  IntelliMAX?줐dvanced Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1207UCX 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FPF1207UCX Datasheet HTML 2Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 3Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 4Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 5Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 6Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 7Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 8Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 9Page - Fairchild Semiconductor FPF1207UCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1207 / FPF1208 • Rev. 1.0.0
6
Typical Performance Characteristics
Figure 7. Shutdown Current vs. Temperature
Figure 8. Shutdown Current vs. Supply Voltage
Figure 9. Off Supply Current vs. Temperature
(FPF1207, VOUT Floating)
Figure 10. Off Supply Current vs. Supply Voltage
(FPF1207, VOUT Floating)
Figure 11. Quiescent Current vs. Temperature
Figure 12. Quiescent Current vs. Supply Voltage
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
ON = 0V
VIN = 4.0V
VIN = 1.2V
VIN = 3.3V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.
SUPPLY VOLTAGE (V)
ON = 0V
25°C
85°C
-40°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
ON = 0V
VIN = 4.0V
VIN = 1.2V
VIN = 3.3V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.
SUPPLY VOLTAGE (V)
ON = 0V
25°C
85°C
-40°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (°C)
ON = VIN
VIN = 4.0V
VIN = 1.2V
VIN = 3.3V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.
SUPPLY VOLTAGE (V)
25°C
85°C
-40°C
ON = VIN


유사한 부품 번호 - FPF1207UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
ON Semiconductor
FPF1203L ONSEMI-FPF1203L Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1203LUCX FAIRCHILD-FPF1203LUCX Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results

유사한 설명 - FPF1207UCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1205 FAIRCHILD-FPF1205 Datasheet
469Kb / 11P
   IntelliMAX Advanced Load Switch
logo
Rochester Electronics
FPF2504-G ROCHESTER-FPF2504-G Datasheet
611Kb / 1P
   INTELLIMAX LOAD SWITCHES available in thin profile packages Load Switch
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1007 FAIRCHILD-FPF1007 Datasheet
1Mb / 11P
   IntelliMAX??Advanced Load Products
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1007 FAIRCHILD-FPF1007_12 Datasheet
1Mb / 12P
   IntelliMAX??Advanced Load Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com