부품명
         상세내용
W9145

 15-MEMORY TONE/PULSE DIALER WITH LOCK AND HANDFREE FUNCTION ( 18 Page)


WINBOND
100% 
Zoom Out Zoom In
 
 4 page
background image
W9145 SERIES
- 4 -
Pin Description, continued
SYMBOL
22-PIN
24-PIN
I/O
FUNCTION
HFI
,
HFO
-
12, 13
I, O
Handfree control pins.
A low pulse on HFI toggles on the handfree control state.
Status of the handfree control state is indicated in the
following table:
HOOK SW.
-
On Hook
Off Hook
On Hook
Off Hook
Off Hook
CURRENT STATE
NEXT STATE
HFO
Low
High
High
-
Low
High
INPUT
HFI
HFI
HFI
Off Hook
On Hook
On Hook
HFO
High
Low
Low
Low
Low
High
DIALING
Yes
No
Yes
Yes
No
Yes
HFI
pin is pulled to VDD by internal resistor.
KT
12
14
O
Key tone signal output. A 1.2 KHz key tone will be
generated when any key is depressed in pulse mode or
when function keys are depressed in tone mode.
LOCK
15
(W9145L
only
)
17
(W9145AL
only)
I
The function of this terminal is to prevent "0" dialing in
and "9" dialing under PABX system long distance call
control. When the first key input after reset is 0 or 9, all
key inputs, including the 0 or 9 key, become invalid and
the chip generates no output. The telephone is
reinitialized by a reset.
LOCK PIN
FUNCTION
Normal dialing mode
"0," "9" dialing inhibited
"0" dialing inhibited
V
Floating
V
DD
SS
TEST
15
(W9145
only)
17
(W9145A
only)
I
During normal operation, the TEST pin should be tied to
VDD, thereby inhibiting the single tone and setting the
pulse rate to 10 ppS.
DP
/ C5
10
10
O
This pin is a CMOS inverter output.
The timing diagram is shown in Figure 1. Flash key will
cause DP / C5 to go active in either pulse or tone mode.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 



관련 부품명

부품명상세내용Html View제조사
W91530N13-MEMORY TONE/PULSE DIALER WITH SAVE KEYTONE LOCK AND HANDFREE FUNCTION 1 2 3 4 5 MoreWinbond
W91540N10-MEMORY TONE/PULSE DIALER WITH SAVE KEYTONE LOCK AND HANDFREE FUNCTION 1 2 3 4 5 MoreWinbond
W91472N6-MEMORY TONE/PULSE DIALER WITH SAVE AND HANDFREE FUNCTION 1 2 3 4 5 MoreWinbond
W9147314-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION 1 2 3 4 5 MoreWinbond
W91550DN13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION 1 2 3 4 5 MoreWinbond
W91560N3-MEMORY TONE/PULSE DIALER WITH SAVE KEYTONE LOCK AND HANDFREE FUNCTIONS 1 2 3 4 5 MoreWinbond
W91320NTONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION 1 2 3 4 5 MoreWinbond
W91330NTONE/PULSE DIALER WITH HANDFREE LOCK AND KEY TONE FUNCTION 1 2 3 4 5 MoreWinbond
WSH41SHall Effect Sensor IC with Thermal Lock Protection Auto Restart and Speed Control Function 1 2 3 4 5 MoreWinson Semiconductor Corp.
WSH413Hall Effect Sensor IC with Thermal Lock Protection and Auto Restart Function 1 2 3 4 5 MoreWinson Semiconductor Corp.

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl