|
| W91610 |
|
||
|
WINBOND |
|
6 page
W91610 SERIES - 6 - b. If the mode switch is set to tone mode, then the output signal will be as follows: D1, D2, ..., Dn, no pause, D1', D2', ..., Dn' (Tone) (Tone) c. The P →T key may be pressed before the first sequence is dialed out completely. 2. OFF HOOK , R a. If the mode switch is set to pulse mode, then the output signal will be as follows: D1, D2, ..., Dn (Pulse) b. In the first redial operation, only the digits before the tone key are dialed out. R (2nd) D1', D2', ..., Dn' are dialed out. (Tone) c. In the second redial operation, the digits after the tone key are dialed out. Flash OFF HOOK , D1 , D2 , D3 , F , D4 , D5 , D6 1. The F key may be pressed before digits D1, D2, D3 are sent completely. Digits D4, D5, D6 may be pressed during the 100 mS. flash period. 2. The flash key cannot be stored as a digit in memory or in the redial register. 3. The content of the redial register is D1, D2, D3, D4, D5, D6. The F key is not stored in the redial register. 4. The flash does not have first priority among the keyboard functions. 5. The flash pause time is 800 mS, so there is a pause of 800 mS between the flash and the next digit dialed (see Figure 5). 6. The dialer will not return to the initial state after the flash break time has elapsed. 7. The flash function timing diagram is shown in Figure 5. ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATING UNIT DC Supply Voltage VDD −VSS -0.3 to +7.0 V VIL VSS -0.3 V Input/Output Voltage VIH VDD +0.3 V VOL VSS -0.3 V VOH VDD +0.3 V |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| W91620 | 10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| W91630 | 10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| SC9102D | TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| SC91650 | 13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| SC91316 | TONE / PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| W91210 | TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| EM91850 | TONE/PULSE DIALER WITH HF HD REDIAL AND VOLUME CONTROL FUNCTION | 1 2 3 4 5 More | ELAN Microelectronics Corp |
| W91310 | TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| EM91865 | 13 MEMORY TONE/PULSE DIALER WITH HF HD REDIAL AND VOLUME CONTROL FUNCTION | 1 2 3 4 5 More | ELAN Microelectronics Corp |
| W91312N | TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |