|
| W91620 |
|
||
|
WINBOND |
|
6 page
W91620 SERIES - 6 - Number Store 1. OFF HOOK , S , D1 , D2 , ..., Dn , A , Ln , ON HOOK a. D1, D2, ..., Dn will be stored in memory location Ln but will not be dialed out. b. Ln = 0 to 9; Dn = 0 to 9, * , # , Pause, P →T. c. The store mode is released to the initial state only when all store operations are finished. There is no need to perform ON HOOK , OFF HOOK to begin a second store operation. For example S , D1 , D2 , D3 , D4 , A , Ln , then S , D1' , D2' , D3' , D4' , A , Lp , then S , ..., is still available. But the following sequence is not valid: S , D1 , D2 , D3 , D4 , A , Ln , then S , R , A , Ln 2. OFF HOOK , S , R , A , Ln , ON HOOK a. Redial content is transferred to memory Ln. b. When the last number was dialed from redial memory, the content of the redial memory cannot be transferred to a memory location. For example, if the redial content is 1 2 3 4 5 + A 3, it cannot be transferred to a memory location, and the content of Ln will not be modified. Memory Clear OFF HOOK , S , A , Ln , S , A , Lp , ... The Ln, Lp, etc., memories will be cleared. Repertory Dialing OFF HOOK , A , Ln 1. The digits stored in Ln will be dialed out. 2. The type of output signal is determined by the mode switch. 3. The redial register content is the content of location number Ln. 4. If the content of Ln is 1, 2, 3, P →T, 4, 5, 6, the redial function will execute the P¡÷T function and the system will change to tone mode. Access Pause OFF HOOK , D1 , D2 , P , D3 , ..., Dn |
|
관련 부품명 |
| 부품명 | 상세내용 | Html View | 제조사 |
| W91610 | TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| W91630 | 10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Winbond |
| W91340N | 10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION | 1 2 3 4 5 More | Winbond |
| SC9102D | TONE/PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| W91440N | 10-MEMORY TONE/PULSE DIALER WITH SAVE FUNCTION | 1 2 3 4 5 More | Winbond |
| SC91650 | 13 MEMORY TONE / PULSE DIALER WITH REDIAL SAVE HANDFREE & HOLD FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| W91540N | 10-MEMORY TONE/PULSE DIALER WITH SAVE KEYTONE LOCK AND HANDFREE FUNCTION | 1 2 3 4 5 More | Winbond |
| SC91316 | TONE / PULSE DIALER WITH REDIAL FUNCTION | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| EM91850 | TONE/PULSE DIALER WITH HF HD REDIAL AND VOLUME CONTROL FUNCTION | 1 2 3 4 5 More | ELAN Microelectronics Corp |
| EM91865 | 13 MEMORY TONE/PULSE DIALER WITH HF HD REDIAL AND VOLUME CONTROL FUNCTION | 1 2 3 4 5 More | ELAN Microelectronics Corp |
링크 URL |
Alldatasheet 제휴사 |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인 정보 보호 정책 | 즐겨찾기 | 링크교환 | 제조사별 검색 All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |