전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744771182 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744771182
상세설명  POWER-CHOKE WE-PD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744771182 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744771182 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744771182 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744771182 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Amm
Bmm
Cmm
Dmm
Emm
= Start of winding
Marking = Inductance code
@@FRM 1@@
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
Inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
Rated current
Sättigungsstrom /
Saturation current
Eigenres.-Frequenz /
Self-res.-frequency
33%
Umgebungstemperatur / temperature:
+20°C
100% Sn
SST
05-06-22
MST
04-10-11
MST
03-12-10
RT
03-03-03
MST
02-03-27
JH
00-12-06
Name
Datum / date
Typ L
Änderung / modification
Version 1
Version 2
Version 3
Version 4
Version 5
Version 6
8,0 ± 0,3
6,0 max.
12,0 ± 0,3
12,0 ± 0,3
5,0 ± 0,2
min.
SRF
5,20
MHz
B Elektrische Eigenschaften / Electrical properties :
|∆L/L|<10%
Isat
not exceed 125°C under worst case operating conditions.
Basismaterial / base material:
Endoberfläche / finishing electrode:
Draht / wire:
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Betriebstemp. / operating temperature:
-40°C - + 125°C
Anbindung an Elektrode / soldering wire to plating:
Ferrit/ferrite
Sn/Ag/Cu - 96.5/3.0/0.5%
Kunde / customer
Würth Elektronik
..................................................................................
Freigabe erteilt / general release:
±20%
1 kHz / 0,25V
@ 20°C
@ 20°C
µH
0,140
http://www.we-online.com
Datum / date
.................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
.................................................
...........................................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2005-06-22
max.
A
Testbedingungen /
test conditions
1,65
max.
A Mechanische Abmessungen / Dimensions :
C Lötpad / Soldering spec. :
A
It is recommended that the temperature of the part does
2SFBW 155°C
Luftfeuchtigkeit / humidity:
HP 34401 A für/for IDC und/and RDC
1,88
F Werkstoffe & Zulassungen / material & approvals :
G Eigenschaften / general specifications :
D Prüfgeräte / test equipment :
E Testbedingungen / test conditions :
typ.
HP 4274 A für/for L und/and Q
typ.
Kunde / customer :
744771182
SPEICHERDROSSEL WE-PD
POWER-CHOKE WE-PD
Artikelnummer / part number :
∆T=40 K
L
82,00
IDC
RDC typ.
0,129
RDC max.
5,4
2,9
7,0
12,8
2,9
[mm]
RoHS
compliant
LF
A
C
D
B
E
• Marking
SEITE 1 VON 3


유사한 부품 번호 - 744771182

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74477110 WURTH-74477110 Datasheet
134Kb / 3P
   POWER-CHOKE WE-PD
74477110W WURTH-74477110W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
744771112 WURTH-744771112 Datasheet
166Kb / 3P
   POWER-CHOKE WE-PD
744771115 WURTH-744771115 Datasheet
166Kb / 3P
   POWER-CHOKE WE-PD
744771118 WURTH-744771118 Datasheet
177Kb / 3P
   POWER-CHOKE WE-PD
More results

유사한 설명 - 744771182

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447709002 WURTH-7447709002 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
7447715180 WURTH-7447715180 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715330 WURTH-7447715330 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715470 WURTH-7447715470 Datasheet
128Kb / 4P
   POWER-CHOKE WE-PD
7447715906 WURTH-7447715906 Datasheet
122Kb / 4P
   POWER-CHOKE WE-PD
7447779003 WURTH-7447779003 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447779004 WURTH-7447779004 Datasheet
104Kb / 3P
   POWER-CHOKE WE-PD
7447785133 WURTH-7447785133 Datasheet
598Kb / 3P
   POWER-CHOKE WE-PD
7447789147W WURTH-7447789147W Datasheet
279Kb / 3P
   POWER-CHOKE WE-PD
744770282 WURTH-744770282 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
744770222 WURTH-744770222 Datasheet
154Kb / 3P
   POWER-CHOKE WE-PD
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com