전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72722PMS 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 LC72722PMS
상세설명  Single-Chip RDS Signal-Processing System IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72722PMS 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72722PMS Datasheet HTML 5Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 6Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 7Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 8Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 9Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 10Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 11Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 12Page - Sanyo Semicon Device LC72722PMS Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LC72722PMS
No. A2156-9/18
CCB Input data format
(1) Synchronization protection (forward protection) method setting (4bits) : FS0 to FS3
FS3 = 0 : If offset words in the correct order could not be detected continuously during the number of blocks
specified by FS0 to FS2, take that to be a lost synchronization sate.
FS3 = 1 : If blocks with uncorrectable errors were received consecutively during the number of blocks specified by
FS0 to FS2, take that to be a lost synchronization state.
F
S
0
F
S
1
F
S
2
Condition for detecting lost synchronization
0
0
0
If 3 consecutive blocks matching the FS3 condition are received.
1
0
0
If 4 consecutive blocks matching the FS3 condition are received.
0
1
0
If 5 consecutive blocks matching the FS3 condition are received.
1
1
0
If 6 consecutive blocks matching the FS3 condition are received.
0
0
1
If 8 consecutive blocks matching the FS3 condition are received.
1
0
1
If 10 consecutive blocks matching the FS3 condition are received.
0
1
1
If 12 consecutive blocks matching the FS3 condition are received.
1
1
1
If 16 consecutive blocks matching the FS3 condition are received.
Initial value : FS0 = 0, FS1 = 1, FS2 = 0, FS3 = 0
(2) Synchronization detection method setting (1bit) : BS
BS
Synchronization detection conditions
0
If during 3 blocks, 2 blocks of offset words were detected in the correct order.
1
If the offset words were detected in the correct order in 2 consecutive blocks.
Initial value : BS = 0
DI
B
0
0
B
1
1
B
2
0
B
3
1
A
0
0
A
1
1
A
2
1
A
3
0
[1] CCB address 6A
F
S
0
F
S
1
F
S
2
F
S
3
B
S
S
Y
R
O
W
E
E
C
0
E
C
1
E
C
2
E
C
3
E
C
4
C
T
0
(12) Circuit control
(5) Error correction method setting
(4) RAM write control
(3) Synchronization and RAM address reset
(2) Synchronization detection method setting
(1) Synchronization protection method setting
IN1 data, first bit
DI
B
0
1
B
1
1
B
2
0
B
3
1
A
0
0
A
1
1
A
2
1
A
3
0
[2] CCB address 6B
C
T
1
S
P
0
S
P
1
X
S
P
L
0
P
L
1
P
T
0
P
T
1
P
T
2
T
S
0
T
S
1
T
S
2
(11) Test mode settings
(10) Output pin settings
(9) RDS/RBDS selection
(8) Demodulation circuit phase control
(7) Crystal oscillator frequency selection
(12) Circuit control
IN2 data, first bit
R
M
T
S
3
Caution : The bits labeled with an asterisk must be set to 0.
(6) Intermittent DO output setting


유사한 부품 번호 - LC72722PMS

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results

유사한 설명 - LC72722PMS

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72722PM SANYO-LC72722PM_12 Datasheet
174Kb / 18P
   Single-Chip RDS Signal-Processing System IC
72720YV SANYO-72720YV Datasheet
222Kb / 14P
   Single-Chip RDS Signal-Processing System IC
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720YVS SANYO-LC72720YVS Datasheet
166Kb / 18P
   Single-Chip RDS Signal-Processing System IC
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com