전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

RClamp0582B.TCT 데이터시트(Datasheet) 3 Page - Semtech Corporation

부품명 RClamp0582B.TCT
상세내용  Low Capacitance TVS for ESD and Surge Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo 

   
 3 page
background image
3
© 2010 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0582B
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Normalized Capacitance vs. Reverse Voltage
Pin 1 or Pin 2 to Pin 3
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
123
45
Reverse Voltage - VR (V)
f = 1 MHz
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8μs
td = 20μs
Note: Data is taken with a 10x attenuator
Clamping Voltage vs. Peak Pulse Current
Pin 1 or Pin 2 to Pin 3
ESD Clamping - Pin 1 or Pin 2 to Pin 3
(8kV Contact per IEC 61000-4-2)
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (us)
Insertion Loss S21 (Pin 1 or Pin 2 to Pin 3)
1 2
3
4
5
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: - 0.1601 dB
800 MHz
2: - 0.1777 dB
900 MHz
3: - 0.5615 dB
1.8 GHz
4: - 1.5365 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
-42 dB
-48 dB




Html 페이지

1  2  3  4  5  6 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl