전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9004ISN16TP 데이터시트(PDF) 5 Page - Touchstone Semiconductor Inc

부품명 TS9004ISN16TP
상세설명  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004ISN16TP 데이터시트(HTML) 5 Page - Touchstone Semiconductor Inc

  TS9004ISN16TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS9004
TS9004DS r1p0
Page 5
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 5V; V- = GND; TA = +25°C, unless otherwise noted.
LOAD CURRENT - mA
4
8
1
0
Output Voltage Low
vs Load Current
0
12
1.5
2
0.5
16
LOAD CURRENT - µA
5
10
1.165
1.155
1.180
Reference Output Voltage vs
Output Load Current
0
15
1.170
1.175
1.160
20
TEMPERATURE - ºC
Reference Voltage vs Temperature
LOAD CURRENT - mA
10
20
2
1.5
Output Voltage High vs
Load Current
0
30
2.5
40
50
3
3.5
V+ = 3V
V+ = 5V
SINK
20
2.5
4
4.5
5
V+ = 3V
V+ = 5V
25
30
1.190
1.185
SOURCE
V+ = 3V or 5V
-15
10
-40
35
60
85
1.16
1.14
1.19
1.17
1.18
1.15
1.21
1.20
1.22
24
28
TEMPERATURE - ºC
-15
10
Supply Current vs Temperature
-40
35
60
85
4
2
5
6
3
7
8
9
IN+ = IN- + 100mV
V+ = 5V, V- = -5V
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
SINGLE-SUPPLY VOLTAGE - V
2
1
Supply Current vs
Low Supply Voltages
1.5
2.5
10
0.1
10


유사한 부품 번호 - TS9004ISN16TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

유사한 설명 - TS9004ISN16TP

제조업체부품명데이터시트상세설명
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com