전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCWJNSH.PC-BRBT-5L7N-1 데이터시트(PDF) 5 Page - OSRAM GmbH

부품명 LCWJNSH.PC-BRBT-5L7N-1
상세설명  Vorl채ufige Daten / Preliminary Data
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJNSH.PC-BRBT-5L7N-1 데이터시트(HTML) 5 Page - OSRAM GmbH

  LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 1Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 2Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 3Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 4Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 5Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 6Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 7Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 8Page - OSRAM GmbH LCWJNSH.PC-BRBT-5L7N-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LCW JNSH.PC
2011-06-09
5
Farbortgruppen
5) Seite 20
Chromaticity Coordinate Groups
5) page 20
OHA04327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
480
460
470
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
W X
V
U
T
S
R
Q
P
O
N
M
L
K
J
5
6
7
8
I
H
5
6
7
+


유사한 부품 번호 - LCWJNSH.PC-BRBT-5L7N-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWJNSH.PC-BRBT-5L7N-1 OSRAM-LCWJNSH.PC-BRBT-5L7N-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
More results

유사한 설명 - LCWJNSH.PC-BRBT-5L7N-1

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
logo
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com