전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS9002IM8T 데이터시트(PDF) 7 Page - Touchstone Semiconductor Inc

부품명 TS9002IM8T
상세설명  Low-Power Single/Dual-Supply Dual Comparator with Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOUCHSTONE [Touchstone Semiconductor Inc]
홈페이지  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9002IM8T 데이터시트(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS9002IM8T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9002IM8T Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TS9002
TS9002DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
BLOCK DIAGRAM
THEORY OF OPERATION
The TS9002 dual, low-voltage, micropower analog
comparator
provides
excellent
flexibility
and
performance while sourcing continuously up to
40mA of current. The TS9002 draws less than
5.5µA (total) over temperature for both comparators,
including the reference. It also exhibits an input
offset voltage of ±3.5mV, and has an on-board
+1.182V ±0.75% voltage reference. To minimize
glitches that can occur with parasitic feedback or a
less than optimal board layout, the design of the
TS9002 output stage is optimized to eliminate
crowbar glitches as the output switches. To minimize
current
consumption
while
providing
flexibility,
TS9002 has an on-board HYST pin in order to add
additional hysteresis.
Power-Supply and Input Signal Ranges
The TS9002 can operate from a single supply
voltage range of +2.5V to +11V, provides a wide
common mode input voltage range of V- to V+-1.3V,
and accepts input signals ranging from V- to
V+ - 1V. The inputs can accept an input as much as
300mV above and below the power supply rails
without damage to the part. The TS9002 is TTL
compatible with a single +5V supply.
Comparator Output
The output design of the TS9002 can source and
sink more than 40mA and 5mA, respectively, while
simultaneously maintaining a quiescent current less
TS9002
NAME
FUNCTION
MSOP-8
1
OUTA
Comparator A Output. Sinks and sources current. Swings from V+ to V-.
2
V-
Negative Supply Voltage. Connect to ground for single-supply operation.
3
INA+
Comparator A Noninverting Input
4
INB-
Comparator B Inverting Input
5
HYST
Hysteresis Input. Connect to REF if not used. Input voltage range is from
VREF to (VREF - 50mV).
6
REF
1.182V Reference Output with respect to V-.
7
V+
Positive Supply Voltage
8
OUTB
Comparator B Output. Sinks and sources current. Swings from V+ to V-.


유사한 부품 번호 - TS9002IM8T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS9002IM8T SILABS-TS9002IM8T Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
More results

유사한 설명 - TS9002IM8T

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440_07 Datasheet
248Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1440 LINER-LTC1440 Datasheet
268Kb / 12P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com