전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK404-140N-E 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 STK404-140N-E
상세설명  1ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-140N-E 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  STK404-140N-E Datasheet HTML 1Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 2Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 3Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-140N-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK404-140N-E
No.A2100-2/11
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, Tc = 25°C unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage 1
VCC max1
Non- signal
±78
V
Power supply voltage 2
VCC max2
Signal, RL = 6Ω
±73
V
Thermal detector maximum voltage
Vp
1-2pin
16
V
Thermal detector maximum current
Ip
1-2pin
30
mA
Thermal resistance
θj-c
Per one power transistor
1.1
°C/W
Junction temperature
Tj max
150
°C
Operating substrate temperature
Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable time for load short-circuit
*4
ts
VCC = ±51V, RL = 6Ω, f = 50Hz
PO = 120W
0.3
s
Operating Characteristics
at Tc = 25
°C, RL = 6Ω (Non-inductive load), Rg = 600Ω, VG = 30dB
Conditions
Ratings
Parameter
Symbol
VCC
[V]
f
[Hz]
PO
[W]
THD
[%]
min
typ
max
Unit
PO 1
±51
20 to 20k
1.0
120
Output power
PO 2
±51
1k
10
180
W
Frequency characteristics
fL, fH
±51
1.0
+0 -3dB
20 to 20k
Hz
Input impedance
ri
±51
1k
1.0
55
k
Ω
Output noise voltage
*3
VNO
±62
Rg=10k
Ω
1.2
mVrms
Output neutral voltage
VN
±62
-100
0
+100
mV
Quiescent current
ICCO
±62
No load
60
mA
Thermal detector resistance
*2
Rp
Tp=25
°C, 1-2pin
470
Ω
Thermal detector
operate temperrature
*2
Tp
Rp=4.7k
Ω, 1-2pin
145
°C
[Note]
*
1. All tests are measured using a constant-voltage supply unless otherwise specified.
*
2. Thermal Detector temperature (+145°C±5°C) indicates the value at unusual operation, therefore, does not indicate
the guaranteed value at usual operation.
Thermal Detector is PRF18series (AS characteristic) manufactured by MURATA.
*
3. The output noise voltage is peak value of an average-reading meter with a rms value scale (VTVM).
A regulated AC supply (50Hz) should be used to eliminate the effects of AC primary line flicker noise.
*
4. Allowable time for load short-circuit and output noise voltage are measured using the specified transformer power
supply. About the load short circuit, it is designed assuming protecting by cut-off within 0.3 second.
*
5. Weight of 1 HIC : 17.2g Outer carton dimensions (W×L×H) : 502mm×247mm×282mm
(Equivalent to MG-250)
+
+
10000
μF
10000
μF
500
Ω
500
Ω
DBA40C
+VCC
-VCC


유사한 부품 번호 - STK404-140N-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results

유사한 설명 - STK404-140N-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK404-120N-E ONSEMI-STK404-120N-E Datasheet
331Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com