전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ10022 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MJ10022
상세설명  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10022 데이터시트(HTML) 1 Page - Motorola, Inc

  MJ10022 Datasheet HTML 1Page - Motorola, Inc MJ10022 Datasheet HTML 2Page - Motorola, Inc MJ10022 Datasheet HTML 3Page - Motorola, Inc MJ10022 Datasheet HTML 4Page - Motorola, Inc MJ10022 Datasheet HTML 5Page - Motorola, Inc MJ10022 Datasheet HTML 6Page - Motorola, Inc MJ10022 Datasheet HTML 7Page - Motorola, Inc MJ10022 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Designer's™ Data Sheet
SWITCHMODE Series
NPN Silicon Power Darlington
Transistors with Base-Emitter
Speedup Diode
The MJ10022 and MJ10023 Darlington transistors are designed for high–voltage,
high–speed, power switching in inductive circuits where fall time is critical. They are
particularly suited for line–operated switchmode applications such as:
• AC and DC Motor Controls
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Fast Turn–Off Times
150 ns Inductive Fall Time @ 25
_C (Typ)
300 ns Inductive Storage Time @ 25
_C (Typ)
• Operating Temperature Range – 65 to + 200_C
• 100_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
MAXIMUM RATINGS
Rating
Symbol
MJ10022
MJ10023
Unit
Collector–Emitter Voltage
VCEO
350
400
Vdc
Collector–Emitter Voltage
VCEV
450
600
Vdc
Emitter Base Voltage
VEB
80
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
40
80
Adc
Base Current — Continuous
— Peak (1)
IB
IBM
20
40
Adc
Total Power Dissipation @ TC = 25_C
@ TC = 100_C
Derate above 25
_C
PD
250
143
1.43
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 200
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.7
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from Case for 5 Seconds
TL
275
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJ10022/D
© Motorola, Inc. 1995
40 AMPERE
NPN SILICON
POWER DARLINGTON
TRANSISTORS
350 AND 400 VOLTS
250 WATTS
MJ10022
MJ10023
CASE 197A–05
TO–204AE (TO–3)
≈ 100
≈ 15


유사한 부품 번호 - MJ10022

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
logo
New Jersey Semi-Conduct...
MJ10022 NJSEMI-MJ10022 Datasheet
102Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Thinki Semiconductor Co...
MJ10022 THINKISEMI-MJ10022 Datasheet
811Kb / 2P
   250WATT NPN TYPE SILICON DARLINGTON TRANSISTORS
More results

유사한 설명 - MJ10022

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com