전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL12-M 데이터시트(PDF) 3 Page - WILLAS ELECTRONIC CORP

부품명 SL12-M
상세설명  1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WILLAS [WILLAS ELECTRONIC CORP]
홈페이지  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SL12-M 데이터시트(HTML) 3 Page - WILLAS ELECTRONIC CORP

  SL12-M Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SL12-M Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SL12-M Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SL12-M Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
SL12-M
L2
SL14-M
L4
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.055 (1.40)
A
0.075 (1.90)
C
0.075 (1.90)
PACKAGE
SOD-123
-L
Reel packing
SOD-123
-L
7"
2,500
4.0
25,000
183*183*123
178
382*262*387
200,000
9.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
201 -
WILLAS ELECTRONIC CORP.
1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
SOD-123-L PACKAGE
SL12-M
SL14-M
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Note: M: Package code, SOD-123-L
-T: Taping Reel
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


유사한 부품 번호 - SL12-M

제조업체부품명데이터시트상세설명
logo
Formosa MS
SL12-M FORMOSA-SL12-M Datasheet
67Kb / 2P
   Silicon epitaxial planer type
logo
Vishay Siliconix
SL12-M3 VISHAY-SL12-M3 Datasheet
83Kb / 4P
   Guardring for overvoltage protection
Revision: 09-Dec-13
logo
Formosa MS
SL12-MH FORMOSA-SL12-MH Datasheet
66Kb / 2P
   Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL12-MH1 FORMOSA-SL12-MH1 Datasheet
66Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
SL12-MHT FORMOSA-SL12-MHT Datasheet
62Kb / 7P
   Chip Low VF Schottky Barrier Rectifier
More results

유사한 설명 - SL12-M

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
SL12-N WILLAS-SL12-N Datasheet
506Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-323-L PACKAGE
SL12-L WILLAS-SL12-L Datasheet
523Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
SL24-N WILLAS-SL24-N Datasheet
285Kb / 4P
   1.5A LOW VF SCHOTTKY BARRIER RECTIFIERS - 40V SOD-323-L PACKAGE
SL32-BL WILLAS-SL32-BL Datasheet
509Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMB-L PACKAGE
SL32-AL WILLAS-SL32-AL Datasheet
501Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-L PACKAGE
SL32-L WILLAS-SL32-L Datasheet
488Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMC-L PACKAGE
logo
PACELEADER INDUSTRIAL
SL32-BL PACELEADER-SL32-BL Datasheet
602Kb / 4P
   3.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V
logo
WILLAS ELECTRONIC CORP
SL22-L WILLAS-SL22-L Datasheet
320Kb / 4P
   2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com