전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744774139 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744774139
상세설명  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744774139 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744774139 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744774139 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744774139 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
5,40 ± 0,1
mm
B
8,00 ± 0,1
mm
+ 0,1
- 0,0
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
7,50 ± 0,1
mm
I
6,20 ± 0,1
mm
J
4,90 ± 0,1
mm
T
0,35 ± 0,05
mm
W
16,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
SST
05-06-21
MST
04-10-11
Name
Datum / date
DATUM / DATE : 2005-06-21
SMD-SPEICHERDROSSEL WE-PD2
POWER CHOKE WE-PD2
Kunde / customer :
Artikelnummer / part number :
744774139
Unterschrift / signature
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
mm
13,00
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
C
1,50
Spezifikation für Freigabe / specification for release
mm
mm
1,50
D
min.
Änderung / modification
Version 1
Version 2
c
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as aerospace, aviation, nuclear control,
submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where higher safety and reliability are especially required or if there is
possibility of direct damage or injury to human body. In addition, even electronic component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient
reliability evaluation-check for the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
I
T
J
øD
W
H
G
C
B
A
E
F
SEITE 3 VON 3


유사한 부품 번호 - 744774139

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744774133 WURTH-744774133 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
More results

유사한 설명 - 744774139

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com