전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1674TD 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD1674TD
상세설명  12-Bit 100 kSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1674TD 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD1674TD Datasheet HTML 3Page - Analog Devices AD1674TD Datasheet HTML 4Page - Analog Devices AD1674TD Datasheet HTML 5Page - Analog Devices AD1674TD Datasheet HTML 6Page - Analog Devices AD1674TD Datasheet HTML 7Page - Analog Devices AD1674TD Datasheet HTML 8Page - Analog Devices AD1674TD Datasheet HTML 9Page - Analog Devices AD1674TD Datasheet HTML 10Page - Analog Devices AD1674TD Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1674
REV. C
–7–
PIN DESCRIPTION
Symbol
Pin No.
Type
Name and Function
AGND
9
P
Analog Ground (Common).
A0
4
DI
Byte Address/Short Cycle. If a conversion is started with A0 Active LOW, a full 12-bit conversion
cycle is initiated. If A0 is Active HIGH during a convert start, a shorter 8-bit conversion cycle
results. During Read (R/C = 1) with 12/8 LOW, A0 = LOW enables the 8 most significant bits
(DB4–DB11), and A0 = HIGH enables DB3–DB0 and sets DB7–DB4 = 0.
BIP OFF
12
AI
Bipolar Offset. Connect through a 50
Ω resistor to REF OUT for bipolar operation or to Analog
Common for unipolar operation.
CE
6
DI
Chip Enable. Chip Enable is Active HIGH and is used to initiate a convert or read operation.
CS
3
DI
Chip Select. Chip Select is Active LOW.
DB11–DB8
27–24
DO
Data Bits 11 through 8. In the 12-bit format (see 12/8 and A0 pins), these pins provide the up-
per 4 bits of data. In the 8-bit format, they provide the upper 4 bits when A0 is LOW and are
disabled when A0 is HIGH.
DB7–DB4
23–20
DO
Data Bits 7 through 4. In the 12-bit format these pins provide the middle 4 bits of data. In the
8-bit format they provide the middle 4 bits when Ao is LOW and all zeroes when A0 is HIGH.
DB3–DB0
19–16
DO
Data Bits 3 through 0. In the 12-bit format these pins provide the lower 4 bits of data. In the
8-bit format these pins provide the lower 4 bits of data when A0 is HIGH, they are disabled
when A0 is LOW.
DGND
15
P
Digital Ground (Common).
REF OUT
8
AO
+10 V Reference Output.
R/C
5
DI
Read/Convert. In the full control mode R/C is Active HIGH for a read operation and Active LOW
for a convert operation. In the stand-alone mode, the falling edge of R/C initiates a conversion.
REF IN
10
AI
Reference Input is connected through a 50
Ω resistor to +10 V Reference for normal operation.
STS
28
DO
Status is Active HIGH when a conversion is in progress and goes LOW when the conversion is
completed.
VCC
7
P
+12 V/+15 V Analog Supply.
VEE
11
P
–12 V/–15 V Analog Supply.
VLOGIC
1
P
+5 V Logic Supply.
10 VIN
13
AI
10 V Span Input, 0 V to +10 V unipolar mode or –5 V to +5 V bipolar mode. When using the
AD1674 in the 20 V Span 10 VIN should not be connected.
20 VIN
14
AI
20 V Span Input, 0 V to +20 V unipolar mode or –10 V to +10 V bipolar mode. When using
the AD1674 in the 10 V Span 20 VIN should not be connected.
12/8
2
DI
The 12/8 pin determines whether the digital output data is to be organized as two 8-bit words
(12/8 LOW) or a single 12-bit word (12/8 HIGH).
TYPE:
AI
= Analog Input
AO = Analog Output
DI = Digital Input
DO = Digital Output
P
= Power
FUNCTIONAL BLOCK DIAGRAM
REF OUT
SHA
COMP
20k
10k
5k
2.5k
2.5k
5k
12
12
AD1674
AGND
BIP OFF
REF IN
20V
IN
10V
IN
IDAC
12
CONTROL
CE
12/8
CS
R/C
A
0
5k
10k
SAR
CLOCK
10V
REF
DAC
STS
DB11 (MSB)
DB0 (LSB)
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
AD1674
18
28
27
24
23
22
26
25
21
20
19
17
16
15
13
1
2
5
6
7
3
4
8
9
10
12
14
VLOGIC
CE
VCC
A0
REF OUT
AGND
REF IN
VEE
BIP OFF
10VIN
20VIN
CS
12/8
R/C
STS
DB11(MSB)
DB8
DB7
DB6
DB10
DB9
DB5
DB4
DB3
DB2
DB1
DB0(LSB)
DGND
11


유사한 부품 번호 - AD1674TD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1674TD AD-AD1674TD Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674TD AD-AD1674TD Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results

유사한 설명 - AD1674TD

제조업체부품명데이터시트상세설명
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com