전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1855JRS 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD1855JRS
상세설명  Stereo, 96 kHz, Multibit DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1855JRS 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD1855JRS Datasheet HTML 6Page - Analog Devices AD1855JRS Datasheet HTML 7Page - Analog Devices AD1855JRS Datasheet HTML 8Page - Analog Devices AD1855JRS Datasheet HTML 9Page - Analog Devices AD1855JRS Datasheet HTML 10Page - Analog Devices AD1855JRS Datasheet HTML 11Page - Analog Devices AD1855JRS Datasheet HTML 12Page - Analog Devices AD1855JRS Datasheet HTML 13Page - Analog Devices AD1855JRS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AD1855
REV. B
–10–
tDLS
BCLK
L/
RCLK
SDATA
LEFT-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
LSB
SDATA
I2S-JUSTIFIED
MODE
tDBH
tDBP
tDBL
tDDS
MSB
MSB-1
tDDH
tDDS
MSB
tDDH
tDDS
tDDS
tDDH
tDDH
MSB
Figure 9. Serial Data Port Timing
BCLK
L/
RCLK
SDATA
LEFT-JUSTIFIED
DSP SERIAL
PORT STYLE MODE
MSB-1
tDBH
tDBP
tDBL
tDLS
tDLH
tDDS
tDDH
MSB
Figure 10. Serial Data Port Timing–DSP Serial Port Style Mode
PD/RST
MCLK
tPDRP
tDMP
tDMH
tDML
Figure 11.
Power-Down/Reset Timing
Timing Diagrams
The serial data port timing is shown in Figures 9 and 10. The
minimum bit clock HI pulsewidth is tDBH and the minimum bit
clock LO pulsewidth is tDBL. The minimum bit clock period is
tDBP. The left/right clock minimum setup time is tDLS and the
left/right clock minimum hold time is tDLH. The serial data
minimum setup time is tDDS and the minimum serial data hold
time is tDDH.
The power-down/reset timing is shown in Figure 11. The mini-
mum reset LO pulse width is tPDRP (four MCLK periods) to
accomplish a successful AD1855 reset operation.


유사한 부품 번호 - AD1855JRS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results

유사한 설명 - AD1855JRS

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com