전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1140 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 LA1140
상세설명  FM IF SYSTEM FOR CAR RADIO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1140 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  LA1140_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1140_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FM IF System for Car Radio
Overview
The LA1140 is an IF system IC designed for FM car stereo
receivers. It features versatile muting characteristics and allows
receiver designers to realize the muting performance according
to their design concept. Since the muting characteristics can be
varied with a switch or a semi-fixed resistor, DX-Local
switching will be accomplished with ease.
Functions
.
IF amplification/limiter
.
Quadrature detector
.
AF preamplifier
.
AFC output
.
Signal meter output
.
AGC output
.
Muting bandwidth
.
Muting under weak signal strength
Features
.
Versatile muting
a)
When muting operation is performed under a weak signal
strength, an attenuation slope of the audio output against
the input signal strength variations can be set at any given
value.
b)
Maximum muting attenuation can be selected to be
approximately 6 to 40 dB.
c)
Input signal strength level which actuates the muting
circuit can be set freely.
.
High limiting sensitivity (25 dBµ typ. with muting off)
provides a fine quieting characteristic.
.
High S/N (78 dB typ.)
.
Low distortion (0.05% typ.) avaiable if used with
double-tuned circuits.
.
Good AMR (63 dB typ. with 6 stages of differential IF
amplifiers).
.
Signal meter drive output proportional to the input signal
strength in dB (suitable to control multiplex IC LA3370).
.
Clamped (
±V
BE) AFC output, bandwidth adjustable.
.
Delayed AGC output for front end circuit.
.
Small space factor due to single-ended package employed.
.
3 mm pitch of pin terminals permitting ease-to-write PC
board pattern.
Package Dimensions
unit : mm
3020A-SIP16
[LA1140]
SANYO : SIP16
Ordering number: EN 729E
Monalithic Linear IC
LA1140
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
93097HA(II)/D0994JN/N257TA/4105MW/3233KI,TS O090KI No.729-1/15


유사한 부품 번호 - LA1140_09

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
More results

유사한 설명 - LA1140_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
logo
Panasonic Semiconductor
AN7259S PANASONIC-AN7259S Datasheet
72Kb / 5P
   FM-IF Amplifier Circuit for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com