전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1823 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 LA1823
상세설명  Single-Chip Tuner ICs for Use in Radio Cassette Recorder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1823 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  LA1823_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1823_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LA1823, LA1823M
No.6854-2/12
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
4.5
V
Operation supply voltage range
VCC op
1.8 to 6.0
V
Operating Characteristics at Ta
= 25°C, VCC = 4.5V, in the specified test circuit
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent supply current
FM-mode quiescent current
ICC (FM)
10.0
15.0
20.0
mA
AM-mode quiescent current
ICC (AM)
6.5
9.2
14.5
mA
FM front-end characteristics at fc = 98MHz, VIN = 60dBμV EMF, fm = 1kHz, 22.5kHz dev
Local oscillator voltage
VOSC
No. input, fosc = 108.7MHz,
the pin 20 output
100
mVrms
Input limiting voltage
3dB L.S.
Referenced to 22.5kHz dev, a 3dB down input
12
dB
μV EMF
FM IF characteristics (monaural) at fc = 10.7MHz, VIN = 100dBμV, fm = 1kHz, 75kHz dev
Demodulation output
VO
The pin 16 output
125
165
210
mVrms
Signal-to-noise ratio
S/N
The pin 16 output
63
72
dB
Total harmonic distortion
(monaural)
THD
The pin 16 output
0.5
1.5
%
Input limiting voltage
3dB L.S.
Referenced to 75kHz dev, a 3dB down input
31
38
45
dB
μV
IF count buffer on level
IF buff on
No modulation
35
45
55
dB
μV
IF count buffer output
VIF buff
No modulation, the pin 7 output
120
180
240
mVrms
FM IF characteristics (stereo) at fc = 10.7MHz, VIN = 100dBμV, fm = 1kHz, 75kHz dev, L+R = 90%, PILOT = 10%
Separation
SEP
Left channel modulated, the pin 16 and pin 17
outputs
25
40
dB
Stereo on level
ST-ON
The pilot modulation such that the pin 8 voltage
becomes lower than 0.5V
2.4
3.5
7.2
%
Total harmonic distortion (stereo)
THD
Main modulation, the pin 16 output
0.5
1.7
%
AM characteristics at fc = 1000kHz, fm = 1kHz, mod = 30%
Detector output
VO1
VIN = 23dBμV, the pin 16 output
14
26
50
mVrms
VO2
VIN = 80dBμV, the pin 16 output
50
75
120
mVrms
Signal-to-noise ratio
S/N1
VIN = 23dBμV, the pin 16 output
15
20
dB
S/N2
VIN = 80dBμV, the pin 16 output
47
54
dB
Total harmonic distortion
THD
VIN = 80dBμV, the pin 16 output
0.5
1.5
%
OSC buffer output
VOSC buff
No input, the pin 8 output
80
100
160
mVrms
IF count buffer on level
IF buff on
No modulation
15
25
32
dB
μV
IF count buffer output
VIF buff
VIN = 80dBμV, no modulation, the pin 7 output
110
180
220
mVrms


유사한 부품 번호 - LA1823_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
More results

유사한 설명 - LA1823_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_06 Datasheet
139Kb / 12P
   Single-Chip Tuner ICs for Use in Radio Cassette Recorder
LA1823 SANYO-LA1823 Datasheet
1Mb / 10P
   Single-Chip Tuner IC for Use in Radio Cassette Recorder
LA1824 SANYO-LA1824_09 Datasheet
112Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
LA1824 SANYO-LA1824 Datasheet
107Kb / 10P
   Single Chip Tuner IC for Use in Radio/Cassette Products with Manual Tuning
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
   SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LV23000M SANYO-LV23000M Datasheet
144Kb / 14P
   Single-Chip Tuner IC for Radio/Cassette Players
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
   AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com