전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA70100M 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA70100M
상세설명  SECAM Chroma-Signal Processor IC for VCR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70100M 데이터시트(HTML) 6 Page - Sanyo Semicon Device

Back Button LA70100M Datasheet HTML 2Page - Sanyo Semicon Device LA70100M Datasheet HTML 3Page - Sanyo Semicon Device LA70100M Datasheet HTML 4Page - Sanyo Semicon Device LA70100M Datasheet HTML 5Page - Sanyo Semicon Device LA70100M Datasheet HTML 6Page - Sanyo Semicon Device LA70100M Datasheet HTML 7Page - Sanyo Semicon Device LA70100M Datasheet HTML 8Page - Sanyo Semicon Device LA70100M Datasheet HTML 9Page - Sanyo Semicon Device LA70100M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LA70100M
No.7204-6/16
(Note 11) Output impedance of SECAM DET (R28)
Assign to V28 as when generating 100
µA from pin 28 by adding 5V to pin 27
and take “H”, and calculate R28.
(Note 12) The sync signal at T29 must lag behind the SECAM color bar signal synchronization by 1.5
µs (Fig. 1).
(Note 13) The sync signal at T29 must lag behind the PAL color bar signal synchronization by 1.5
µs (Fig. 6).
(Note 14) PB mode phase detection output differential voltage :
VSAPD1 : Assign to VPD1 the DC voltage at T25 when a sine wave of 1.0625MHz is input to T14 and VPD2 the DC
voltage at T26 when a sine wave of 1.1016MHz is input.
VSCPD1=VPD2 - VPD1
VSAPD2 : Assign to VPD3 and VPD4 the voltage at T25 and T26, respectively, when a sine wave of 627kHz is input
to T14.
VSCPD2=VPD4 - VPD3
(Note 15) PB mode SECAM detection characteristics VSCMP1 / VSCMP2 :
VSCMP1 : Apply the above-mentioned VPD1 and VPD2 to T25 and T26, respectively and measure the voltage at T28.
VSCMP2 : Apply the above-mentioned VPD3 and VPD4 to T25 and T26, respectively and measure the voltage at T28.
PAL color bar signal
Fig.6
T29
1.5
µs
T16
4.433619MHz
21.5%
1Vpp
100%
28
R28=
5(V) - V28
VCC
100
µA
Fig.5


유사한 부품 번호 - LA70100M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
LA70100M SANYO-LA70100M Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results

유사한 설명 - LA70100M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com