전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA72715NV 데이터시트(PDF) 11 Page - Sanyo Semicon Device

부품명 LA72715NV
상세설명  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72715NV 데이터시트(HTML) 11 Page - Sanyo Semicon Device

Back Button LA72715NV_12 Datasheet HTML 5Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 6Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 7Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 8Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 9Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 10Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 11Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 12Page - Sanyo Semicon Device LA72715NV_12 Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LA72715NV
No.A1770-11/13
I
2C Control/LA72715NV Group number is ONLY 1 (Normal Use).
Grp-1
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
Bilingual
*
0
1
Main
1
0
Sub
1
1
(Prohibit)
*
0
Normal
1
Forced MONO
*
0
Normal (MUTE OFF)
1
MUTE
*
0
TV Mode (SW Normal)
1
EXT Mode (SW EXT)
*
0
JUST CLOCK OFF
1
JUST CLOCK ON
*
0
SIF Mode
1
BASE BAND Mode
*
0
Fix
1
Prohibit (TEST Mode)
*: Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
Fixed
0
Normal
1
Stereo det
0
Normal
1
Bilingual det
0
Except an initial condition
1
Initial condition
Test Mode Condition
When STOP condition transform at Grp-1 data-end, controlled NORMAL mode.
Grp-2 (Only test condition : Normally, this group is hidden group)
D8
D7
D6
D5
D4
D3
D2
D1
Condition/Moniter position
0
0
0
0
0
0
0
0
-
0
0
0
0
0
0
0
1
TEST-01 SIF out
0
0
0
0
0
0
1
0
TEST-02 SUB FIL out
0
0
0
0
0
0
1
1
TEST-03 CUE FIL out
0
0
0
0
0
1
0
0
TEST-04 SUD DET out
0
0
0
0
0
1
0
1
TEST-05 CUE DC1 out
0
0
0
0
0
1
1
0
TEST-06 SUB DET2 out
0
0
0
0
0
1
1
1
TEST-07 110K out
0
0
0
0
1
0
0
0
TEST-08 28K out
0
0
0
0
1
0
0
1
TEST-09 CUE PLS out
0
0
0
0
1
0
1
0
TEST-10 FIL ZAP LEVEL
SLAVE ADDRESS 80H (16pin : OPEN)
SLAVE ADDRESS 84H (16pin : VCC)
SLAVE ADDRESS A0H (16pin : GND)


유사한 부품 번호 - LA72715NV_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
More results

유사한 설명 - LA72715NV_12

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715V SANYO-LA72715V_12 Datasheet
163Kb / 12P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com