전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY133 데이터시트(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 BY133
상세설명  General Purpose Silicon Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BY133 데이터시트(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BY133 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BY133 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
30
20
10
0
1
2
4
6 8 10
20
40
60 80100
20
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
20
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1
0.1
1.0
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
T =100 C
j
o
T =25 C
j
o
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
1 Cycle
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
BY127/BY133
General Purpose Silicon Rectifier
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - BY133

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Sangdest Microelectroni...
BY133 SMC-BY133 Datasheet
169Kb / 4P
   SILICON RECTIFIER
logo
Diotec Semiconductor
BY133 DIOTEC-BY133 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
List of Unclassifed Man...
BY133 ETC2-BY133 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Shenzhen Ping Sheng Ele...
BY133 PFS-BY133 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

유사한 설명 - BY133

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE116 NTE-NTE116 Datasheet
18Kb / 2P
   General Purpose Silicon Rectifier
logo
Shanghai Shunye Electro...
1A1 SY-1A1 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1N4001S SY-1N4001S Datasheet
233Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201 SY-RL201 Datasheet
259Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
List of Unclassifed Man...
6A05 ETC1-6A05 Datasheet
744Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
10A05 ETC1-10A05 Datasheet
672Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
P600A-600M WINNERJOIN-P600A-600M Datasheet
185Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
RL201-207 WINNERJOIN-RL201-207 Datasheet
173Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Diotech Company.
1N4001G DIOTECH-1N4001G Datasheet
826Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
1A1 DIOTECH-1A1 Datasheet
681Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com