전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1501 데이터시트(PDF) 3 Page - Transcom, Inc.

부품명 TC1501
상세설명  1W High Linearity and High Efficiency GaAs Power FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1501 데이터시트(HTML) 3 Page - Transcom, Inc.

  TC1501 Datasheet HTML 1Page - Transcom, Inc. TC1501 Datasheet HTML 2Page - Transcom, Inc. TC1501 Datasheet HTML 3Page - Transcom, Inc. TC1501 Datasheet HTML 4Page - Transcom, Inc. TC1501 Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC1501
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3 / 5
TYPICAL SCATTERING PARAMETERS
(TA=25
°°°°C) V
DS = 8 V, IDS = 240 mA
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.04
0.01
Per Div
S12
0
15
30
150
165
-180
-16
5
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
6
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
18GHz
Swp Min
2GHz
S22


유사한 부품 번호 - TC1501

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
More results

유사한 설명 - TC1501

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com