전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1606 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TC1606
상세설명  2W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1606 데이터시트(HTML) 1 Page - Transcom, Inc.

  TC1606 Datasheet HTML 1Page - Transcom, Inc. TC1606 Datasheet HTML 2Page - Transcom, Inc. TC1606 Datasheet HTML 3Page - Transcom, Inc. TC1606 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TC1606
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1 / 4
2W High Linearity and High Efficiency GaAs Power FETs
FEATURES
! 2W Typical Power at 6 GHz
PHOTO ENLARGEMENT
! Linear Power Gain: G
L = 12 dB Typical at 6 GHz
! High Linearity: IP3 = 43 dBm Typical at 6 GHz
! Via Hole Source Ground
! Suitable for High Reliability Application
! Breakdown Voltage: BV
DGO
≥ 18 V
! Lg = 0.6
µm, Wg = 5 mm
! High Power Added Efficiency: Nominal PAE of 43 % at 6 GHz
! Tight Vp ranges control
! High RF input power handling capability
! 100 % DC Tested
DESCRIPTION
The TC1606 is a GaAs Pseudomorphic High Electron Mobility Transistor (PHEMT) which has high linearity and
high Power Added Efficiency. The device is processed with a propriety via-hole process, which provides low
thermal resistance and low inductance. The long gate length makes the device to have high breakdown voltage.
All devices are 100% DC tested to assure consistent quality.
Bond pads are gold plated for either
thermo-compression or thermo-sonic wire bonding. Backside gold plating is compatible with standard AuSn
die-attach. Typical application include commercial and military high performance power amplifiers
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Gain Compression Point , f
= 6 GHz VDS = 8 V, IDS = 500 mA
32.5
33
dBm
GL
Linear Power Gain, f
= 6 GHz VDS = 8 V, IDS = 500 mA
11
12
dB
IP3
Intercept Point of the 3
rd-order Intermodulation, f = 6 GHz V
DS = 8 V, IDS = 500 mA,*PSCL = 20 dBm
43
dBm
PAE
Power Added Efficiency at 1dB Compression Power, f
= 6 GHz
43
%
IDSS
Saturated Drain-Source Current at VDS = 2 V, VGS = 0 V
1.2
A
gm
Transconductance at VDS = 2 V, VGS = 0 V
850
mS
VP
Pinch-off Voltage at VDS = 2 V, ID = 10 mA
-1.7**
Volts
BVDGO Drain-Gate Breakdown Voltage at IDGO = 2.5 mA
18
22
Volts
Rth
Thermal Resistance
6
°C/W
Note:
* PSCL: Output Power of Single Carrier Level.
* *For the tight control of the pinch-off voltage . TC1606’s are divided into 3 groups:
(1)TC1606P1519 : Vp = -1.5V to -1.9V (2) TC1606P1620 : Vp = -1.6V to -2.0V
(3)TC1606P1721 : Vp = -1.7V to -2.1V
In addition, the customers may specify their requirements.


유사한 부품 번호 - TC1606

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
More results

유사한 설명 - TC1606

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501N TRANSCOM-TC1501N Datasheet
156Kb / 4P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com