전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744775168 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744775168
상세설명  POWER-CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744775168 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744775168 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775168 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744775168 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Amm
Bmm
Cmm
Dmm
Emm
Fmm
Gmm
Hmm
@@FRM 1@@
= Start of winding
Marking = Inductance code
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit
MST
04-10-11
Name
Datum / date
Änderung / modification
Version 1
7,8 ± 0,3
7,0 ± 0,3
Typ L
A
typ.
@ 20°C
@ 20°C
∆T=40 K
1 kHZ / 0,25V
typ.
RDC max
typ.
L
max.
..............................................................................
................................................................................
................................................................................
Würth Elektronik
HP 4274 A für/for L und/and Q
HP 34401 A für/for RDC und IDC
0,99
8,00
Isat
|∆L/L|<10%
1,05
RDC typ
0,218
IDC
D Prüfgeräte / test equipment:
0,280
± 10%
68,00
µH
A Mechanische Abmessungen / dimensions:
3,0 ref
2,0 ref
8,0 ref
7,5 ref
3,0 ref
5,0 ± 0,5
Kunde / customer :
744775168
SPEICHERDROSSEL WE-PD2
POWER-CHOKE WE-PD2
Artikelnummer / part number :
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
SRF
MHz
Umgebungstemp. / ambient temperature: -40°C - + 85°C
Basismaterial / base material:
http://www.we-online.com
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
A
Datum / date
..............................................................................
Unterschrift / signature
Kontrolliert / approved
Testbedingungen /
test conditions
not exceed 125°C under worst case operating conditions
F Werkstoffe & Zulassungen / material & approvals:
Endoberfläche / finishing electrode:
Draht / wire:
Sn/Cu - 99,3/0,7%
2UEWF 155°C
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - + 125°C
Kunde / customer
Freigabe erteilt / general release:
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
Luftfeuchtigkeit / humidity:
It is recommended that the temperature of the part does
F
E
H
G
H
[mm]
A
B
D
C
RoHS
compliant
LF
SEITE 1 VON 3


유사한 부품 번호 - 744775168

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74477510 WURTH-74477510 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
74477510 WURTH-74477510_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
744775112 WURTH-744775112 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775115 WURTH-744775115 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
More results

유사한 설명 - 744775168

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com