전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GZF4V7C 데이터시트(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 GZF4V7C
상세설명  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GZF4V7C 데이터시트(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GZF4V7C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GZF4V7C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd GZF4V7C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Test
Current
IZT
IR
VR
m A
µ A
V
Min
Max
Typ
Max
Min
Max
Max
GZF3V6C
W5
3.4
3.8
100
4.0
8.0
-0.14
-0.04
100
1.0
GZF3V9C
W6
3.7
4.1
100
4.0
8.0
-0.14
-0.04
50
1.0
GZF4V3C
W7
4.0
4.6
100
4.0
7.0
-0.12
-0.02
25
1.0
GZF4V7C
W8
4.4
5.0
100
3.0
7.0
-0.1
0
10
1.0
GZF5V1C
W9
4.8
5.4
100
3.0
6.0
-0.08
0.2
5.0
1.0
GZF5V6C
WA
5.2
6.0
100
2.0
4.0
-0.04
0.04
10
2.0
GZF6V2C
WB
5.8
6.6
100
2.0
3.0
-0.01
0.06
5.0
2.0
GZF6V8C
WC
6.4
7.2
100
1.0
3.0
0
0.07
10
3.0
GZF7V5C
WD
7.0
7.9
100
1.0
2.0
0
0.07
50
3.0
GZF8V2C
WE
7.7
8.7
100
1.0
2.0
0.03
0.08
10
3.0
GZF9V1C
WF
8.5
9.6
50
2.0
4.0
0.03
0.08
10
5.0
GZF10C
WG
9.4
10.6
50
2.0
4.0
0.05
0.09
7.0
7.5
GZF11C
WH
10.4
11.6
50
4.0
7.0
0.05
0.1
4.0
8.2
GZF12C
WI
11.4
12.7
50
4.0
7.0
0.05
0.1
3.0
9
GZF13C
WK
12.4
14.1
50
5.0
10
0.05
0.1
2.0
10
GZF15C
WL
13.8
15.6
50
5.0
10
0.05
0.1
1.0
11
GZF16C
WM
15.3
17.1
25
6.0
15
0.06
0.11
1.0
12
GZF18C
WN
16.8
19.1
25
6.0
15
0.06
0.11
1.0
13
GZF20C
WO
18.8
21.2
25
6.0
15
0.06
0.11
1.0
15
GZF22C
WP
20.8
23.3
25
6.0
15
0.06
0.11
1.0
16
GZF24C
WR
22.8
25.6
25
7.0
15
0.06
0.11
1.0
18
GZF27C
WS
25.1
28.9
25
7.0
15
0.06
0.11
1.0
20
GZF30C
WT
28
32
25
8.0
15
0.06
0.11
1.0
22
GZF33C
WU
31
35
25
8.0
15
0.06
0.11
1.0
24
GZF36C
WW
34
38
10
21
40
0.06
0.11
1.0
27
GZF39C
WX
37
41
10
21
40
0.06
0.11
1.0
30
GZF43C
WY
40
46
10
24
45
0.07
0.12
1.0
33
GZF47C
WZ
44
50
10
24
45
0.07
0.12
1.0
36
GZF51C
X1
48
54
10
25
60
0.07
0.12
1.0
39
GZF56C
X2
52
60
10
25
60
0.07
0.12
1.0
43
GZF62C
X3
58
66
10
25
80
0.08
0.13
1.0
47
GZF68C
X4
64
72
10
25
80
0.08
0.13
1.0
51
GZF75C
X5
70
79
10
30
100
0.08
0.13
1.0
56
GZF82C
X6
77
87
10
30
100
0.08
0.13
1.0
62
GZF91C
X7
85
96
5.0
60
200
0.09
0.13
1.0
68
1)Pulse test:tp≤5ms
Temperature
Coeffizient
αVZ@IZ
%/℃
Type
Device
Marking
Code
Differential
Resistance
Maximum Reverse
Leakage Current
Zener Voltage
Range
(1)
VZ@IZT
V
rdif@IZT
GZF3V6C-GZF91C
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - GZF4V7C

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
GZF4V7C BILIN-GZF4V7C Datasheet
134Kb / 3P
   ZENER DIODES
logo
Vishay Siliconix
GZF4V7C VISHAY-GZF4V7C Datasheet
146Kb / 6P
   Zener Diodes
Rev. 1.7, 28-Jan-04
logo
Galaxy Semi-Conductor H...
GZF4V7C BILIN-GZF4V7C Datasheet
247Kb / 5P
   ZENER DIODES
More results

유사한 설명 - GZF4V7C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com