전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD260AND-5 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD260AND-5
상세설명  High Speed, Logic Isolator with Power Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD260AND-5 데이터시트(HTML) 7 Page - Analog Devices

  AD260AND-5 Datasheet HTML 1Page - Analog Devices AD260AND-5 Datasheet HTML 2Page - Analog Devices AD260AND-5 Datasheet HTML 3Page - Analog Devices AD260AND-5 Datasheet HTML 4Page - Analog Devices AD260AND-5 Datasheet HTML 5Page - Analog Devices AD260AND-5 Datasheet HTML 6Page - Analog Devices AD260AND-5 Datasheet HTML 7Page - Analog Devices AD260AND-5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD260
–7–
REV. 0
The power transformer is designed to operate between 150 kHz
and 250 kHz and will easily deliver more than 1 W of isolated
power when driven push-pull (5 V) on the system side. Different
transformer tap, rectifier and regulator schemes will provide
combinations of
±5 V, 15 V, 24 V or even 30 V or higher.
The output voltage when driven with a low voltage-drop drive
(@ 5 V push-pull) will be 37 V p-p across the entire secondary.
This will drop to 33 V p-p at 4.5 V drive.
3.3 F
TANT.
+
52T
CT
LM2524
12
11
14
13
COMP VIN VREF
4.7k
915
16
3.3k
0.1 F
10
1
2
4
5
6
7
470pF
GND
INV
NI
CL+
CT
RT
CL
LOGIC/SHUTDOWN (HI)
+5Vdc
8
3.3 F
TANT.
+
52T
CT
MAX
253
1
8
4
3
G2
FS
SHUTDOWN (
ON/OFF)
+5Vdc
7
G1
2
6
D1
D2
SD
Figure 3. System Side Transformer Driver Examples
Application Examples
The following is an example of a typical transformer system-side
drive circuit and a field-side regulation circuit suitable for use in
most general applications.
+5V
REG
96T
CT.
–5V ISO
+5V ISO
I
VDD FLD
ENABLE FLD
(PWR-UP ENABLE)
–5V
REG
Figure 4.
a
a
+5Vdc/+4.5Vdc
150mA
+
LOAD
COM
80mA
b
COM
20mA
b
+
20mA
b
+5Vdc/+4.5Vdc
150mA
COM
20mA
b
+
20mA
a
+5Vdc/+4.5Vdc
150mA
COM
40mA
a
+
40mA
a
a
7.72
7.62
15.79
23.5
7.72
a
+5Vdc/+4.5Vdc
150mA
COM
20mA
b
+
20mA
b
+
VOUT @
5V DRIVE
V(MIN) @
4.5V DRIVE
+8.55
17.63
8.64
+26.3
+8.64
"a" DIODES
IN5818/MBR0530
"b" DIODES
IN5819/MBR0540
Figure 5. Field Side Power Supply Rectifier Examples


유사한 부품 번호 - AD260AND-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-0 AD-AD261AND-0 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-1 AD-AD261AND-1 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-2 AD-AD261AND-2 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
AD261AND-3 AD-AD261AND-3 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
More results

유사한 설명 - AD260AND-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
   High Speed, Logic Isolator
REV. 0
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
Bedford Opto Technology...
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
   High Speed Opto Isolator
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
   High Speed Opto Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
OPTEK Technologies
OPI1266 OPTEK-OPI1266 Datasheet
230Kb / 2P
   HIGH SPEED VERY HIGH VOLTAGE ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com