전자부품 데이터시트 검색엔진 |
|
ACE93C66FM+TH 데이터시트(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE93C66FM+TH 데이터시트(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 14 page ACE93C46.56.66 Three-wire Serial EEPROM VER 1.5 3 ACE93C56/66 Note: When the ORG pin is connected to VCC, the “x 16” organization is selected. When it is connected to ground, the “x 8” organization is selected. If the ORG pin is left unconnected and the application does not load the input beyond the capability of the internal 1 Meg ohm pullup, then the “x 16” organization is selected. Absolute Maximum Ratings DC Supply Voltage -0.3 to 6.5V Input / Output Voltage GND -0.3 to Vcc 0.3V Operating Ambient Temperature -40 to 85℃ Storage Temperature -65 to 150℃ *Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability. |
유사한 부품 번호 - ACE93C66FM+TH |
|
유사한 설명 - ACE93C66FM+TH |