전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD534K 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD534K
상세설명  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD534K 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD534K Datasheet HTML 4Page - Analog Devices AD534K Datasheet HTML 5Page - Analog Devices AD534K Datasheet HTML 6Page - Analog Devices AD534K Datasheet HTML 7Page - Analog Devices AD534K Datasheet HTML 8Page - Analog Devices AD534K Datasheet HTML 9Page - Analog Devices AD534K Datasheet HTML 10Page - Analog Devices AD534K Datasheet HTML 11Page - Analog Devices AD534K Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD534
REV. B
–9–
X1
X2
Y1
Y2
Z1
Z2
AD534
PINS 5, 6, 8 TO +15V
PINS 1, 4 TO –15V
EC
1
40
CR
f =
OUT
–VS
+VS
SF
+15V
–15V
CONTROL
INPUT, EC
100mV TO 10V
500
2.2k
2
3
7
(= R)
ADJ
1kHz
+15V
ADJ 8kHz
82k
39k
3-30p
0.01
(= C)
AD211
= 1kHz PER VOLT
WITH VALUES SHOWN
OUTPUT
15V APPROX.
2k
+
CALIBRATION PROCEDURE:
WITH EC = 1.0V, ADJUST POT TO SET f = 1.000kHz. WITH EC = 8.0V ADJUST
TRIMMER CAPACITOR TO SET f = 8.000kHz. LINEARITY WILL TYPICALLY BE
WITHIN
0.1% OF FS FOR ANY OTHER INPUT.
DUE TO DELAYS IN THE COMPARATOR, THIS TECHNIQUE IS NOT SUITABLE
FOR MAXIMUM FREQUENCIES ABOVE 10kHz. FOR FREQUENCIES ABOVE
10kHz THE AD537 VOLTAGE-TO-FREQUENCY CONVERTER IS RECOMMENDED.
A TRIANGLE-WAVE OF
5V PK APPEARS ACROSS THE 0.01 F CAPACITOR; IF
USED AS AN OUTPUT, A VOLTAGE-FOLLOWER SHOULD BE INTERPOSED.
Figure 14. Differential-Input Voltage-to-Frequency Converter
RMS + DC
AC RMS
X1
X2
Y1
Y2
Z1
Z2
AD534
OUT
–VS
+VS
SF
+
10k
+
10k
20k
+15V
10k
10k
10M
5k
AD741K
AD741J
10 F SOLID Ta
+
OUTPUT
0 TO +5V
20k
–15V
ZERO
ADJ
+15V
10 F
NONPOLAR
INPUT
5V RMS FS
10V PEAK
MATCHED TO 0.025%
10k
MODE
CALIBRATION PROCEDURE:
WITH 'MODE' SWITCH IN 'RMS + DC' POSITION, APPLY AN INPUT OF +1.00VDC.
ADJUST ZERO UNTIL OUTPUT READS SAME AS INPUT. CHECK FOR INPUTS
OF
10V; OUTPUT SHOULD BE WITHIN
0.05% (5mV).
ACCURACY IS MAINTAINED FROM 60Hz TO 100kHz, AND IS TYPICALLY HIGH
BY 0.5% AT 1MHz FOR VIN = 4V RMS (SINE, SQUARE OR TRIANGULAR-WAVE).
PROVIDED THAT THE PEAK INPUT IS NOT EXCEEDED, CREST-FACTORS UP
TO AT LEAST TEN HAVE NO APPRECIABLE EFFECT ON ACCURACY .
INPUT IMPEDANCE IS ABOUT 10k ; FOR HIGH (10M ) IMPEDANCE, REMOVE
MODE SWITCH AND INPUT COUPLING COMPONENTS.
FOR GUARANTEED SPECIFICATIONS THE AD536A AND AD636 ARE OFFERED
AS A SINGLE PACKAGE RMS-TO-DC CONVERTER.
Figure 15. Wideband, High-Crest Factor, RMS-to-DC Converter


유사한 부품 번호 - AD534K

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD534KCHIPS AD-AD534KCHIPS Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KD AD-AD534KD Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KDZ AD-AD534KDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KH AD-AD534KH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534KHZ AD-AD534KHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

유사한 설명 - AD534K

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com