전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD534JH 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD534JH
상세설명  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD534JH 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD534JH Datasheet HTML 4Page - Analog Devices AD534JH Datasheet HTML 5Page - Analog Devices AD534JH Datasheet HTML 6Page - Analog Devices AD534JH Datasheet HTML 7Page - Analog Devices AD534JH Datasheet HTML 8Page - Analog Devices AD534JH Datasheet HTML 9Page - Analog Devices AD534JH Datasheet HTML 10Page - Analog Devices AD534JH Datasheet HTML 11Page - Analog Devices AD534JH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD534–Typical Performance Curves
–10–
(typical at +25 C, with VS =
15 V dc, unless otherwise noted)
100
10
1
FREQUENCY – Hz
0.1
Y-FEEDTHROUGH
X-FEEDTHROUGH
1000
10
100
1k
10k
100k
1M
10M
Figure 19. AC Feedthrough vs. Frequency
1.5
1
0.5
FREQUENCY – Hz
0
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
10
100
1k
10k
100k
Figure 20. Noise Spectral Density vs. Frequency
100
90
80
70
60
50
2.5
5
7.5
10
SCALING VOLTAGE, SF – Volts
CONDITIONS:
10Hz – 10kHz BANDWIDTH
Figure 21. Wideband Noise vs. Scaling Voltage
14
12
10
8
6
4
8
10
12
14
16
18
20
POSITIVE OR NEGATIVE SUPPLY – Volts
OUTPUT, RL
2k
ALL INPUTS, SF = 10V
Figure 16. Input/Output Signal Range vs. Supply Voltages
800
700
600
500
400
300
200
100
–60 –40
–20
0
20
40
60
80
100
120
140
TEMPERATURE – C
0
SCALING VOLTAGE = 10V
SCALING VOLTAGE = 3V
Figure 17. Bias Currents vs. Temperature
(X, Y or Z Inputs)
90
80
70
60
50
30
20
10
FREQUENCY – Hz
40
0
TYPICAL FOR
ALL INPUTS
100
1k
10k
100k
1M
Figure 18. Common-Mode Rejection Ratio vs. Frequency


유사한 부품 번호 - AD534JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD534JH AD-AD534JH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534JHZ AD-AD534JHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

유사한 설명 - AD534JH

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com